Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5961001921 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 5961001921
Description  Toroids
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

5961001921 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  5961001921 Datasheet HTML 1Page - Fair-Rite Products Corp. 5961001921 Datasheet HTML 2Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toroids (5961001921)
Part Number: 5961001921
61 TOROID PLASTIC COATED
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
– 9th digit 1 = Parylene Coating, 2 = Thermo- Set Plastic Coating
A ring configuration provides the ultimate utilization of the intrinsic ferrite material properties. Toroidal cores are used in
a wide variety of applications such as power input filters, ground- fault interrupters, common- mode filters and in pulse
and broadband transformers.
All toroidal cores are supplied burnished to break sharp edges.
Coating Options:
– Toroids with an outside diameter of 9.5 mm (0.375″) or smaller can be supplied Parylene C coated. The Parylene coating will
increase the “A” and “C” dimensions and decrease the “B” dimension a maximum of 0.038 mm (0.0015″). The ninth digit of a
Parylene coated toroid part number is a “1”. See reference tables for the material characteristics of Parylene C. Parylene C coating
is RoHS compliant.
– Toroids with an outside diameter of 9.5 mm (0.375″) or larger can be supplied with a uniform coating of thermo- set plastic
coating. This coating will increase the “A” and “C” dimensions and decrease the “B” dimension a maximum of 0.5 mm (0.020″).
The 9th digit of the thermo- set plastic coated toroid part number is a “2”. Thermo- set plastic coating is RoHS compliant.
– Thermo- set plastic coated parts can withstand a minimum breakdown voltage of 1000 Vrms, uniformly applied across the “C”
dimension of the toroid.
For any toroidal core requirement not listed in the catalog, please contact our customer service department for availability
and pricing.
Catalog Drawing
3D Model
The C dimension may be modified to suit specific applications.
Weight: 4.7 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Electrical Properties
A
L(nH)
150 ±25%
Ae(cm
2)
0.299
Σl/ A(cm
-1) 10.4
l
e(cm)
3.12
V
e(cm
3)
0.93
Dim
mm
mm tol
nominal inch
inch misc.
A
13.45
Max
0.529
Max
B
7.2
Min
0.283
Min
C
13.55
Max
0.533
Max


Similar Part No. - 5961001921

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
5961001901 FAIR-RITE-5961001901 Datasheet
1Mb / 2P
Toroids
More results

Similar Description - 5961001921

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
5967001901 FAIR-RITE-5967001901 Datasheet
1Mb / 2P
Toroids
5968001101 FAIR-RITE-5968001101 Datasheet
1Mb / 2P
Toroids
5968001801 FAIR-RITE-5968001801 Datasheet
1Mb / 2P
Toroids
5968003801 FAIR-RITE-5968003801 Datasheet
1Mb / 2P
Toroids
5943000501 FAIR-RITE-5943000501 Datasheet
1Mb / 2P
Toroids
5943001001 FAIR-RITE-5943001001 Datasheet
1Mb / 2P
Toroids
5943001101 FAIR-RITE-5943001101 Datasheet
1Mb / 2P
Toroids
5943001201 FAIR-RITE-5943001201 Datasheet
1Mb / 2P
Toroids
5943002701 FAIR-RITE-5943002701 Datasheet
1Mb / 2P
Toroids
5943017301 FAIR-RITE-5943017301 Datasheet
1Mb / 2P
Toroids
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com