Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7870 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SPT7870
Description  10-BIT, 100 MSPS ECL A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT7870 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SPT7870 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7870 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7870 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7870 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7870 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7870 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7870 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7870 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPT
7
9/8/98
SPT7870
Notes:
1)
= Line termination.
2)
* = 0.01 µF chip capacitor in parallel with 2.2 µF Tantalum capacitor.
3) Immediate output buffer is highly recommended to optimize the
performance due to reflection.
+A5
-A5.2
CLK
CLK
VB
VT
VM
VIN
MINV LINV
+A5
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
AGND VEE
VCC
D10
DGND
-D2 V
50
Ω
.01
FB1
-D5.2
Analog
Input
ECL
Differential
Clock Input
.01
.01
Interfacing
Logic
SPT7870
*
+5 V
-5.2 V
AGND
+A5
-A5.2
+
10 µF
+
10 µF
-2 V
-5.2 V
DGND
-D2
-D5.2
+
10 µF
+
10 µF
*
Figure 4 - SPT7870 Digital Outputs
Equivalent Circuit
Figure 2 - Typical Interface Circuit
Figure 3 - SPT7870 Clock Input Equivalent
Circuit
AGND
DGND
(ESD)
(ESD)
ECL/PECL
OUT
VEE
AGND
CLK
26 k
Ω
AVCC
VEE
6 k
Ω
52 k
Ω
-1.3 V
(ESD)
(ESD)
NCLK
26 k
Ω
(ESD)
(ESD)
PACKAGE OUTLINE
44L Cerquad
C
D
A
B
A
B
0 - 5°
E
F
G
H
1
44
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.550 typ
13.97 typ
B
0.685
0.709
17.40
18.00
C
0.037
0.041
0.94
1.04
D
0.016 typ
0.41 typ
E
0.008 typ
0.20 typ
F
0.027
0.051
0.69
1.30
G
0.006 typ
0.15 typ
H
0.080
0.150
2.03
3.81



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com