Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62783G-S18-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 62783G-S18-R
Description  8CH HIGH?뭋OLTAGE SOURCE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62783G-S18-R Datasheet(HTML) 1 Page - Unisonic Technologies

  62783G-S18-R Datasheet HTML 1Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 2Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 3Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 4Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 5Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 6Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
62783
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R113-009.J
8CH HIGH−VOLTAGE SOURCE
DRIVER
DESCRIPTION
The UTC 62783 consists of eight source current transistor array
combination and it is suitable for fluorescent display applications.
The UTC 62783 is ideal for uses, such as relay, hammer and
lamp drivers.
FEATURES
*High output voltage: VCC = 50V (MIN.)
* Output current (single output) IOUT = -500mA (MIN.)
* Output clamp diodes and single supply voltage
* Input compatible with various types of logic
* TTL, 5V CMOS
SOP-18
DIP-18
SOP-20
TSSOP-20
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
62783L-D18-T
62783G-D18-T
DIP-18
Tube
62783L-S18-R
62783G-S18-R
SOP-18
Tape Reel
62783L-S20-R
62783G-S20-R
SOP-20
Tape Reel
62783L-P20-R
62783G-P20-R
TSSOP-20
Tape Reel
62783G-D18-T
(1)Packing Type
(2)Package Type
(3)Green Package
(1) T: Tube, R: Tape Reel
(2) D18: DIP-18, S18: SOP-18, S20: SOP-20
P20: TSSOP-20
(3) G: Halogen Free and Lead Free, L: Lead Free


Similar Part No. - 62783G-S18-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
62783G-S18-R UTC-62783G-S18-R Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-S18-R UTC-62783G-S18-R Datasheet
271Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results

Similar Description - 62783G-S18-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62708N TOSHIBA-TD62708N Datasheet
309Kb / 8P
8CH HIGH CURRENT SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
8CH SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
8CH SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783_12 Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783_15 Datasheet
271Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62784 UTC-62784_15 Datasheet
197Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com