Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62783L-S20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 62783L-S20-R
Description  8CH HIGH?뭋OLTAGE SOURCE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62783L-S20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  62783L-S20-R Datasheet HTML 1Page - Unisonic Technologies 62783L-S20-R Datasheet HTML 2Page - Unisonic Technologies 62783L-S20-R Datasheet HTML 3Page - Unisonic Technologies 62783L-S20-R Datasheet HTML 4Page - Unisonic Technologies 62783L-S20-R Datasheet HTML 5Page - Unisonic Technologies 62783L-S20-R Datasheet HTML 6Page - Unisonic Technologies 62783L-S20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
62783
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R113-009.J
PIN CONFIGURATION
18
17
16
15
14
13
12
11
10
1
2
I1
3
I3
4
I4
5
I5
6
I6
7
I7
8
I8
9
VCC
GND
O8
O7
O6
O5
O4
O3
O2
O1
I2
DIP-18/SOP-18
SOP-20
PIN DESCRIPTION
PIN NO.
DIP-18/
SOP-18
SOP-20
PIN NAME
DESCRIPTION
1
1
I1
Input Of CH1
2
2
I2
Input Of CH2
3
3
I3
Input Of CH3
4
4
I4
Input Of CH4
5
5
I5
Input Of CH5
6
6
I6
Input Of CH6
7
7
I7
Input Of CH7
8
8
I8
Input Of CH8
9
9
VCC
Power Supply
10
12
GND
Ground
11
13
O8
Output Of CH8
12
14
O7
Output Of CH7
13
15
O6
Output Of CH6
14
16
O5
Output Of CH5
15
17
O4
Output Of CH4
16
18
O3
Output Of CH3
17
19
O2
Output Of CH2
18
20
O1
Output Of CH1
-
10, 11
NC
Not connected



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com