Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62783L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 62783L-P20-R
Description  8CH HIGH?뭋OLTAGE SOURCE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62783L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  62783L-P20-R Datasheet HTML 1Page - Unisonic Technologies 62783L-P20-R Datasheet HTML 2Page - Unisonic Technologies 62783L-P20-R Datasheet HTML 3Page - Unisonic Technologies 62783L-P20-R Datasheet HTML 4Page - Unisonic Technologies 62783L-P20-R Datasheet HTML 5Page - Unisonic Technologies 62783L-P20-R Datasheet HTML 6Page - Unisonic Technologies 62783L-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
62783
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R113-009.J
SCHEMATICS (EACH DRIVER)
R2
D4
Q4
Q3
Q2
Q1
R4
R5
R3
R1
INPUT
D1
D2
GND
D5
D6
D3
VCC
OUTPUT
R1
R2
R3
R4
R5
10kΩ
20kΩ
2.6kΩ
10kΩ
5kΩ
Note: The input and output parasitic diodes (D1 & D4) cannot be used as clamp diodes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com