Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2003L-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULN2003L-P16-R
Description  7CH DARLINGTON SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2003L-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULN2003L-P16-R Datasheet HTML 1Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 2Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 3Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 4Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 5Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 6Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 7Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 8Page - Unisonic Technologies ULN2003L-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ULN2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R113-001.Q
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST CIRCUIT
TEST CONDITIONS
MIN TYP MAX UNIT
VCE=50V, TA=25°C
50
Output Leakage Current
ILEAK
1
VCE=50V, TA=85°C
100
μA
IOUT=350mA, IIN=500μA
1.3
1.6
IOUT=200mA, IIN=350μA
1.1
1.3
Collector-Emitter Saturation
Voltage
VCEO(SAT)
2
IOUT=100mA, IIN=250μA
0.9
1.1
V
DC Current Transfer Ratio
hFE
2
VCE=2V, IOUT=350mA
1000
Input Current (Output On)
IIN (ON)
3
VIN=2.4V, IOUT=350mA
0.4
0.7
mA
Input Current (Output Off)
IIN (OFF)
4
IOUT=500µA, TA=85°C
50
65
μA
IOUT = 350 mA
2.6
Input Voltage (Output On)
VIN(ON)
5
VCE=2V
IOUT = 200 mA
2.0
V
VR=50V, TA=25°C
50
Clamp Diode Reverse Current
IR
6
VR=50V, TA=85°C
100
μA
Clamp Diode Forward Voltage
VF
7
IF=350mA
2.0
V
Input Capacitance
CIN
15
pF
Turn-On Delay
tON
8
VOUT=50V, RL=125Ω
CL=15pF
0.1
Turn-Off Delay
tOFF
8
VOUT=50V, RL=125Ω
CL=15pF
0.2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com