Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2803G-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULN2803G-S20-R
Description  EIGHT DARLINGTON ARRAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2803G-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULN2803G-S20-R Datasheet HTML 1Page - Unisonic Technologies ULN2803G-S20-R Datasheet HTML 2Page - Unisonic Technologies ULN2803G-S20-R Datasheet HTML 3Page - Unisonic Technologies ULN2803G-S20-R Datasheet HTML 4Page - Unisonic Technologies ULN2803G-S20-R Datasheet HTML 5Page - Unisonic Technologies ULN2803G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2803
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R113-004.K
EIGHT DARLINGTON ARRAYS
DESCRIPTION
The UTC ULN2803 is high-voltage, high-current Darlington
drivers comprised of eight NPN Darlington pairs.
FEATURES
*Output current (single output) 500mA MAX.
*High sustaining voltage output 50V MIN.
*Output clamp diodes
*Inputs compatible with various types of logic
SOP-18
DIP-18
SOP-20
TSSOP-20
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2803L-D18-T
ULN2803G-D18-T
DIP-18
Tube
ULN2803L-S18-R
ULN2803G-S18-R
SOP-18
Tape Reel
ULN2803L-S20-R
ULN2803G-S20-R
SOP-20
Tape Reel
ULN2803L-P20-R
ULN2803G-P20-R
TSSOP-20
Tape Reel
MARKING
PACKAGE
MARKING
DIP-18
SOP-18
SOP-20
TSSOP-20


Similar Part No. - ULN2803G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULN2803G-S18-R UTC-ULN2803G-S18-R Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
ULN2803G-S18-R UTC-ULN2803G-S18-R Datasheet
312Kb / 7P
EIGHT DARLINGTON ARRAYS
ULN2803G-S18-T UTC-ULN2803G-S18-T Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
More results

Similar Description - ULN2803G-S20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
EIGHT DARLINGTON ARRAYS
Apr-1993
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
EIGHT DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
Eight Darlington array
19-Mar-2007
logo
Unisonic Technologies
ULN2804 UTC-ULN2804 Datasheet
189Kb / 5P
EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_15 Datasheet
312Kb / 7P
EIGHT DARLINGTON ARRAYS
ULN2804 UTC-ULN2804_15 Datasheet
200Kb / 5P
EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2801A STMICROELECTRONICS-ULN2801A Datasheet
267Kb / 14P
Eight Darlington array
19-Nov-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com