Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3223L-R20-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UT3223L-R20-R
Description  DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3223L-R20-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UT3223L-R20-R Datasheet HTML 1Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 2Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 3Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 4Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 5Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 6Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 7Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 8Page - Unisonic Technologies UT3223L-R20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UT3223
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-A91.e
TYPICAL APPLICATION CIRCUIT
UTC
UT3223
SHUTDOWN
5kΩ
5kΩ
T1IN
T2IN
T1OUT
T2OUT
T3OUT
FORCEOFF
INVALID
R1OUT
R2OUT
R1IN
R2IN
C1+
C1-
C2+
C2-
C1
C2
V+
V-
C3
C4
CBYPASS
VCC
GND
3.0V~5.5V
RS-232
INPUTS
RS-232
OUTPUTS
LOGIC
OUTPUTS
LOGIC
INPUTS
TO POWER
MANAGEMENT
UNIT
VCC
GND
T1
T2
R1
R2
FORCEON
GND
EN
+
+
+
+
Fig.3 Application Circuit
Table 3. Required Capacitor Value
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
CBYPASS (µF)
3.0~3.6
0.22
0.22
0.22
3.15~3.6
0.1
0.1
0.1
4.5~5.5
0.047
0.33
0.047
3.0~5.5
0.22
1.0
0.22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com