Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3223L-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3223L-P20-R
Description  DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3223L-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3223L-P20-R Datasheet HTML 1Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 2Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 3Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 4Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 5Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 6Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 7Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 8Page - Unisonic Technologies UT3223L-P20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3223
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-A91.e
+3.0V TO +5.5V POWER SUPPLY,
250KBPS, MULTICHANNAEL
RS-232 LINE
DRIVERS/RECEIVERS
DESCRIPTION
The UTC UT3223 consists of 2 drivers and 2 receivers. It meets
ElA/TIA-232 and V.28/V.24 specifications, it intended for notebook
computer applications. A high-efficiency, dual charge-pumps power
supply and a low-dropout transmitter combine to deliver true RS-232
performance from a single +3.0V~+5.5V power supply. A guaranteed
data rate of 250kbps provides compatibility with popular software for
communicating with PCs.
The UTC UT3223 achieves 1µA supply current in shutdown
condition. When the UT3223 doesn’t detect a valid signal level on its
receiver inputs, the on-board power supply and drivers will shutdown,
and when a valid level is applied to any RS-232 receiver input, then the
system turns on again. Therefore, the system saves power without
changes to the existing BIOS or operating system.
The UTC UT3223 requires only 0.1µF capacitors in 3.3V operation,
and can operate from input voltages ranging from +3.0V ~+5.5V. It is
ideal for 3.3V-only systems, 5.0V-only systems, or mixed 3.3V and 5.0V
systems that require true RS-232 performance.
FEATURES
* Operates With 3.0V~5.5V Power Supply
* Two Drivers and Two Receivers
* Operates Up To 250 kbps
* Designed to Transmit at a Data Rate of 250 kbps
* Low Standby Current (1µA Typical)
* External Capacitors (4*0.1µF)
* Accepts 5.0V Logic Input With 3.3V Supply
* Serial-Mouse Drivability
* Exceeds ±8KV ESD Protection(HBM) for RS-232 I/O Pins
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UT3223L-R20-R
UT3223G-R20-R
SSOP-20
Tape Reel
UT3223L-P20-R
UT3223G-P20-R
TSSOP-20
Tape Reel


Similar Part No. - UT3223L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3223 UTC-UT3223 Datasheet
232Kb / 9P
MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
More results

Similar Description - UT3223L-P20-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
Triple Line Drivers / Receivers
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
Triple Line Drivers/Receivers
logo
Analog Devices
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
CMOS RS-232 Drivers/Receivers
REV. C
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
LINE DRIVERS/RECEIVERS
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com