Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS3080L-S14-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTRS3080L-S14-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS3080L-S14-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UTRS3080L-S14-R Datasheet HTML 1Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 2Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 3Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 4Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 5Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 6Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 7Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 8Page - Unisonic Technologies UTRS3080L-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UTRS3080
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R113-017.e
TEST CIRCUIT
Y
Z
VOD
R
R
VOC
Fig. 1 Driver DC Test Circuit
CRL
1KΩ
S1
S2
VCC
Fig. 2 Receiver Enable/Disable Timing Test Load
1KΩ
+
15pF
TEST POINT
RECEIVER
OUTPUT
CL
500Ω
S1
S2
VCC
Fig. 4 Driver Enable/Disable Timing Test Load
Y
Z
RDIFF
CL1
CL2
Fig. 3 Driver Timing Test Circuit
DI
DE
3V
VID
+
OUTPUT
UNDER TEST
VOH
VOL
RO
A
-1V
B
1.5V
Output
tPHL
Input
1.5V
tPLH
3V
0V
RE
VCC
RO
RO
0
1.5V
tZL(SHDN), tZL
1.5V
1.5V
tZH(SHDN), tZH
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
tLZ
1.5V
VOL+0.5V
VOH-0.5V
tHZ
Fig. 7 Receiver Propagation Delays
Fig. 8 Receiver Enable and Disable Times
1V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com