Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC4B19B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISC4B19B
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC4B19B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISC4B19B Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC4B19B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
ISC4B19B
·特征
·
TO-263 封装
·适用于通用交流开关,可用作开关功能,如静态继电器、
加热调节器、感应电动机起动电路等
·最小批量变化以使器件性能稳定和运行可靠
最大额定值
(Ta=25℃)
符号
名称
值
单位
VDRM
断态重复峰值电压
800
V
VRRM
反向重复峰值电压
800
V
IT(RMS)
通态方均根电流
16
A
ITSM
通态浪涌电流
160
A
Tj
工作结温
125
℃
Tstg
存储结温
-40~150
℃
电特性
(TC=25℃ 除非另有说明)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
反向峰值电流
VR=VRRM,
VR=VRRM, Tj=125℃
0.02
0.5
mA
IDRM
断态重复峰值电流
VD=VDRM,
VD=VDRM, Tj=125℃
0.02
0.5
mA
IGT
触发电流
Ⅰ
VD=12V; RL= 33Ω
35
mA
Ⅱ
35
Ⅲ
35
Ⅳ
70
VTM
通态峰值电压
IT= 20A; tp= 380μs
1.6
V
IH
维持电流
IGT= 0.1A;VD=12V
30
mA
VGT
触发电压
VD=12V; RL= 33Ω 所有象限
1.5
V


Similar Part No. - ISC4B19B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISC4B321P ISC-ISC4B321P Datasheet
226Kb / 2P
isc Triacs
ISC4B35D ISC-ISC4B35D Datasheet
166Kb / 1P
isc Triacs
ISC4B96D ISC-ISC4B96D Datasheet
162Kb / 1P
isc Triacs
More results

Similar Description - ISC4B19B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com