Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1676941 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1676941
Description  Screw connection - HC-SKV 21 MS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1676941 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1676941 Datasheet HTML 1Page - PHOENIX CONTACT 1676941 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1676941
03/17/2014   Page 1 / 2
Screw connection - HC-SKV 21 MS - 1676941
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Brass screw connection, PG21
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
59.37 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Wrench size, union nut
11 mm
Wrench size, support
18 mm
External cable diameter
11 mm ... 18 mm
Ambient conditions
Degree of protection
IP65
IP65
Ambient temperature (operation)
-40 °C ... 125 °C
General
Cable gland material
Nickel-plated brass
Shielded
No
Thread type on connection side
Pg21


Similar Part No. - 1676941

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
16769 VICOR-16769 Datasheet
73Kb / 1P
OUTLINE DRAWING, HUB470-P
logo
Atom Lighting
16769 ATOM-16769 Datasheet
234Kb / 2P
Buller
22nd of January 2025 08:29:51 -
logo
Vicor Corporation
16769-04 VICOR-16769-04 Datasheet
73Kb / 1P
OUTLINE DRAWING, HUB470-P
logo
PHOENIX CONTACT
1676912 PHOENIX-1676912 Datasheet
52Kb / 3P
Pressure screw - HC-DS-PG36-E
1676925 PHOENIX-1676925 Datasheet
48Kb / 2P
Screw connection - HC-SKV 13 MS
More results

Similar Description - 1676941

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411973 PHOENIX-1411973 Datasheet
57Kb / 2P
Corrugated tube screw connection - HC-B-GCA-M25-PLRBK
1412021 PHOENIX-1412021 Datasheet
57Kb / 2P
Corrugated tube screw connection - HC-B-GCA-M20-PLRBK
1605284 PHOENIX-1605284 Datasheet
43Kb / 2P
Cable gland - HC-SKV 21 MR
1676925 PHOENIX-1676925 Datasheet
48Kb / 2P
Screw connection - HC-SKV 13 MS
1676967 PHOENIX-1676967 Datasheet
44Kb / 2P
Screw connection - HC-SKV 36 MS
1854970 PHOENIX-1854970 Datasheet
49Kb / 2P
Half screw connection - VC-M-KV-PG 21-1X8,5/1X12
2987956 PHOENIX-2987956 Datasheet
320Kb / 6P
Single relay - REL-MR- 24AC/21-21/MS
10/27/2021
logo
HARTING Technology Grou...
09-00-000-5104 HARTING-09-00-000-5104 Datasheet
471Kb / 2P
SKV 21 KABELVERSCHR
2021-10-01
09-00-000-5168 HARTING-09-00-000-5168 Datasheet
453Kb / 2P
VERSCHRAUBUNG SKV 21
2021-10-01
logo
PHOENIX CONTACT
2910502 PHOENIX-2910502 Datasheet
274Kb / 20P
Relay Module - PLC-RSC- 24DC/21-21/MS
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com