Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5261 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT5261 Datasheet HTML 1Page - Catalyst Semiconductor CAT5261 Datasheet HTML 2Page - Catalyst Semiconductor CAT5261 Datasheet HTML 3Page - Catalyst Semiconductor CAT5261 Datasheet HTML 4Page - Catalyst Semiconductor CAT5261 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
CAT5261
Document No. 2122, Rev. B
CS is the Chip select pin. CS low enables the CAT5261 and CS high disables the CAT5261. CS high takes the SO output pin to
high impedance and forces the devices into a Standby mode (unless an internal write operation is underway). The CAT5261
draws ZERO current in the Standby mode. A high to low transition on
CS is required prior to any sequence being initiated. A low to
high transition on
CS after a valid write sequence is what initiates an internal write cycle.
WP
WP
WP
WP
WP:
Write Protect
WP is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When WP is tied low, all
non-volatile write operations to the Data registers are inhibited (change of wiper control register is allowed).
WP going low while
CS is still low will interrupt a write to the registers. If the internal write cycle has already been initiated,
WP going low will have no
effect on any write operation.
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
The
HOLD pin is used to pause transmission to the CAT5261 while in the middle of a serial sequence without having to re-
transmit entire sequence at a later time. To pause,
HOLD must be brought low while SCK is low. The SO pin is in a high imped-
ance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication,
HOLD is
brought high, while SCK is low. (
HOLD should be held high any time this function is not being used.) HOLD may be tied high
directly to VCC or tied to VCC through a resistor.
PIN DESCRIPTION
Pin
(SOIC/TSSOP)Name
Function
1
SO
Serial Data Output
2
A0
Device Address, LSB
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
NC
No Connect
7
VCC
Supply Voltage
8RL0
Low Reference Terminal
for Potentiometer 0
9RH0
High Reference Terminal
for Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
CS
Chip Select
12
WP
Write Protection
13
SI
Serial Input
14
A1
Device Address
15
RL1
Low Reference Terminal
for Potentiometer 1
16
RH1
High Reference Terminal
for Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCK
Bus Serial Clock
24
HOLD
Hold
PIN DESCRIPTIONS
SI:
Serial Input
SI is the serial data input pin. This pin is used to
input all opcodes, byte addresses and data to be
written to the CAT5261. Input data is latched on the
rising edge of the serial clock.
SO:
Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the CAT5261. During a read
cycle, data is shifted out on the falling edge of the
serial clock.
SCK:
Serial Clock
SCK is the serial clock pin. This pin is used to
synchronize the communication between the
microcontroller and the CAT5261. Opcodes, byte
addresses or data present on the SI pin are latched
on the rising edge of the SCK. Data on the SO pin is
updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when address-
ing multiple devices. A total of four devices can be
addressed on a single bus. A match in the slave
address must be made with the address input in
order to initiate communication with the CAT5261.
RH, RL: Resistor End Points
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW:
Wiper
The RW pins are equivalent to the wiper terminal of a
mechanical potentiometer.
CS
CS
CS
CS
CS:
Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com