Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2655L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2655L
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2655L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2655L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2655L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC2655L
2A , 50V
P
Plastic Encapsulated Transistor
24-Jul-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low saturation voltage:VCE(sat)=0.5V(Max)(IC=1A)
High speed switching time:tstg=1µs(Typ.)
CLASSIFICATION OF hFE (1)
Product-Rank
2SC2655L-O
2SC2655L-Y
Range
70-140
120-240
ABSOLUTE MAXIMUM RATINGS (T
A =25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
2
A
Collector Power Dissipation
PC
0.9
W
Junction, Storage Temperature
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
50
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
1
µA
VCB=50V, IE=0
Emitter Cut-Off Current
IEBO
-
-
1
µA
VEB=5V, IC=0
hFE (1)
70
-
240
VCE=2V, IC=0.5A
DC Current Gain
hFE (2)
40
-
-
VCE=2V, IC=1.5A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=1A, IB=0.05A
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.2
V
IC=1A, IB=0.05A
Transition Frequency
fT
-
100
-
MHz
VCE=2V, IC=0.5A
Collector Output Capacitance
Cob
-
30
-
pF
VCB=10V, IE=0, f=1MHz
Turn-on Time
Ton
-
0.1
-
Storage Time
Ts
-
1
-
Switch Time
Fall Time
Tf
-
0.1
-
µs
VCC=30V
IB1= -IB2=0.05A
IC=1A
TO-92L
1
1
1
1 Emitter
2
2
2
2 Collector
3
3
3
3 Base
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.70
5.10
F
0.35
0.45
B
7.80
8.20
G
1.27 TYP.
C
13.80
14.20
H
1.28
1.58
D
3.70
4.10
J
2.44
2.64
E
0.35
0.55
K
0.60
0.80
A
C
E
F
D
B
G
H
J
K


Similar Part No. - 2SC2655L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC2655L-O MCC-2SC2655L-O Datasheet
498Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
Unisonic Technologies
2SC2655L-O-T9N-B UTC-2SC2655L-O-T9N-B Datasheet
61Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC2655L-O-T9N-K UTC-2SC2655L-O-T9N-K Datasheet
61Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC2655L-O-T9N-R UTC-2SC2655L-O-T9N-R Datasheet
61Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC2655L-X-AE3-R UTC-2SC2655L-X-AE3-R Datasheet
210Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - 2SC2655L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2061 SECOS-2SD2061 Datasheet
359Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
2SD2396 SECOS-2SD2396 Datasheet
385Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
KTC2026 SECOS-KTC2026 Datasheet
399Kb / 2P
3A , 60V P Plastic-Encapsulated Transistor
A1020 SECOS-A1020 Datasheet
306Kb / 2P
PNP Plastic-Encapsulated Transistor
MMBTA28 SECOS-MMBTA28 Datasheet
291Kb / 2P
NPN Plastic Encapsulated Transistor
MMBT1616A-C SECOS-MMBT1616A-C Datasheet
220Kb / 2P
NPN Plastic Encapsulated Transistor
BCPA44 SECOS-BCPA44 Datasheet
353Kb / 2P
NPN Plastic Encapsulated Transistor
2SC554 SECOS-2SC554 Datasheet
224Kb / 2P
NPN Plastic Encapsulated Transistor
2SB1151 SECOS-2SB1151 Datasheet
304Kb / 2P
PNP Plastic Encapsulated Transistor
PZT772J SECOS-PZT772J Datasheet
319Kb / 2P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com