Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS535 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS535
Description  2.5 V Precision Reference / Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS535 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS535 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS535 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS535 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.5V Precision Reference / Amplifier
A/AS535
ASTEC Semiconductor
27
Electrical Characteristics
Electrical characteristics are guaranteed over the full junction temperature range (0-105
°C). Ambient temperature must be derated
based upon power dissipation and package thermal characteristics. Unless otherwise stated, test conditions are: VOUT= VREF, VCC=5V
and IOUT= 1 mA.
Parameter
Symbol
Test Condition
Min
Typ
Max
Min
Typ
Max Units
Supply Voltage
VCC
4
15
4
15
V
Supply Current
ICC
0.5
1
0. 5
1
mA
Reference Voltage
VREF
TJ = 25
° C
2.475
2.500 2.525
2.488
2.500
2.513
V
Line Regulation
∆VOUT
VCC =4 to 15 V
-1
-10
-1
-10
mV
Load Regulation
∆VOUT
IOUT = 1 to 100 mA
1
50
1
50
mV
Temperature Deviation
∆VOUT
0 < TJ < 105
° C
3
10
3
8
mV
Reference Input Current
IREF
0.1
0.4
0.1
0.4
µA
Amplifier open loop gain
Av
70
80
70
80
dB
Amplifier Unity gain frequency
F1
CLOAD < 1nF
1
2
1
2
MhZ
Output Saturation Voltage
VSAT
IOUT =100mA
0.4
0.4
V
Off State Leakage
ILEAK
VREF = 0 V, VOUT = 15 V
0.04
500
0.04
500
nA
*Temperature deviation is defined as the maximum deviation of the reference over the given temperature range and does not imply an
incremental deviation at any given temperature.
Typical Performance Curves
• TC in mV/°C =
∆V
REF
∆T
A
• TC in %/°C =
∆V
REF
∆T
A
VREF at 25°C
() x 100
• TC in ppm/°C =
∆V
REF
∆T
A
VREF at 25°C
() x 106
*Calculating Average Temperature Coefficient (TC)
(mV)
Temperature (°C)
15
-10
0
3045
6075
90
105
-5
0.2
2000
0
0
0
∆VREF
∆T
0.021 mV/°C
0.008 %/°C
8.0 ppm/°C
A535 (1.0 %)
AS535 (0.5 %)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com