Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS535D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS535D
Description  2.5 V Precision Reference / Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS535D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS535D Datasheet HTML 1Page - List of Unclassifed Manufacturers AS535D Datasheet HTML 2Page - List of Unclassifed Manufacturers AS535D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A/AS535
2.5 V Precision Reference / Amplifier
Description
The AS535 is a three terminal adjustable shunt regulator
utilizing an accurate 2.5V bandgap reference. The AS535 is
functionally similar to an AS2431 except that the reference
and amplifier operate off of a seperate supply from the
output, allowing very low output voltges (0.1V Typically)
Because of its robust bipolar technology, the AS535 handles
a wide range of current, and holds off up to 18V so its use
is not limited to low power, low voltage systems. Significant
care has been taken to provide adequate AC bandwidth to
allow the AS535 as an amplifier in control systems and
power electronics. ASTEC also offers a 1.0% version of this
part, the A535.
Features
• Temperature-compensated:
50 ppm/
°C
• Trimmed 0.5% typical bandgap
reference
• High gain Internal amplifier with
100 mA capability
• Nominal temperature range
extended to 105
° C
• Low frequency dynamic output
impedance: < 150 m
Ω
• Low output noise
Pin Configuration — Top view
© ASTEC Semiconductor
25
Ordering Information
Description
Temperature Range
0.5%
Order Codes
1.0%
8-Pin Plastic SOIC
0 to 105
° C
AS535D
A535D
4-Pin Plastic SIP
0 to 105
° C
AS535SIP
A535SIP
SOT - 23 - 5
0 to 105
° C
AS535DBV
A535DBV
SOIC (D)
SOT-23-5 (DBV)
VCC
N/C
N/C
ANODE
VOUT
N/C
N/C
VREF
VREF
VOUT
ANODE
N/C
VCC
4L SIP (SIP)
VREF
VOUT
ANODE
VCC


Similar Part No. - AS535D

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5304 AMSCO-AS5304 Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
AS5304 AMSCO-AS5304 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
AS5304 AMSCO-AS5304 Datasheet
507Kb / 31P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
AS5304A AMSCO-AS5304A Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
More results

Similar Description - AS535D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580 Datasheet
251Kb / 6P
High Precision 2.5 V IC Reference
AD780 AD-AD780 Datasheet
178Kb / 10P
2.5 V/3.0 V High Precision Reference
REV.B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580_04 Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com