Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM577x-R02 Datasheet(PDF) 3 Page - P-tec Corporation

Part # PDM577x-R02
Description  Gray or Black Face, White Segment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDM577x-R02 Datasheet(HTML) 3 Page - P-tec Corporation

  PDM577x-R02 Datasheet HTML 1Page - P-tec Corporation PDM577x-R02 Datasheet HTML 2Page - P-tec Corporation PDM577x-R02 Datasheet HTML 3Page - P-tec Corporation PDM577x-R02 Datasheet HTML 4Page - P-tec Corporation PDM577x-R02 Datasheet HTML 5Page - P-tec Corporation PDM577x-R02 Datasheet HTML 6Page - P-tec Corporation PDM577x-R02 Datasheet HTML 7Page - P-tec Corporation PDM577x-R02 Datasheet HTML 8Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
 
www.p-tec.net
102013 Rev0 JAS
Page 3 of 8
Electrical and Optical Characteristics at Ta=25°C
Parameter
Symbol
Chip
Min.
Typ.
Max.
Unit
Condition
Forward Voltage Per
Segment
VF
G05
--
3.2
3.8
V
IF=20mA
G17/Y04/A11
/R02/R11/R21
--
2
2.8
Luminous Intensity Per
Segment
Iv
G05
--
230
--
mcd
IF=10mA
G17
--
16
--
Y04
--
50
--
A11
--
60
--
R02
--
40
--
R11
--
40
R21
--
18
--
Peak Emission
Wavelength /
Dominant Wavelength
λP/λd
G05
--
*/525
--
nm
IF=20mA
G17
--
572/570
--
Y04
--
592/590
--
A11
--
612/605
--
R02
--
632/625
--
R11
--
644/630
--
R21
--
660/645
--
Reverse Current
IR
--
--
100
μA
VR=5V
Luminous Intensity
Matching Ratio
Iv-m
--
--
2:1
--
IF=10mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com