Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51033 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS51033
Description  Fast PFET Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51033 Datasheet(HTML) 2 Page - ON Semiconductor

  CS51033 Datasheet HTML 1Page - ON Semiconductor CS51033 Datasheet HTML 2Page - ON Semiconductor CS51033 Datasheet HTML 3Page - ON Semiconductor CS51033 Datasheet HTML 4Page - ON Semiconductor CS51033 Datasheet HTML 5Page - ON Semiconductor CS51033 Datasheet HTML 6Page - ON Semiconductor CS51033 Datasheet HTML 7Page - ON Semiconductor CS51033 Datasheet HTML 8Page - ON Semiconductor CS51033 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS51033
http://onsemi.com
2
Figure 1. Typical Application Diagram
VGATE
PGND
COSC
GND
VC
CS
VCC
VFB
100
µF
0.1
µF
RB
300
C2
1.0
µF
GND
100
RC
10
Ω
RG
0.1
µF
CS
4.7
µH
IRF7404
D4
10
Ω
CIN
100
µF
1.5VOUT
@ 3.0 Amp
D1
D2
C1
0.1
µF
D3
1N5818
1N4148
1N4148
C3
100
µF
COSC
150 pF
RA
1.5 k
0.1
µF
GND
3.3VIN
1N5821
C0
100
µF
C4
0.1
µF
Note: Capacitors C2, C3, and C4, are low
ESR tantalum caps used for noise reduction.
MAXIMUM RATINGS*
Rating
Value
Unit
Power Supply Voltage, VCC
5.0
V
Driver Supply Voltage, VC
20
V
Driver Output Voltage, VGATE
20
V
COSC, CS, VFB (Logic Pins)
5.0
V
Peak Output Current
1.0
A
Steady State Output Current
200
mA
Operating Junction Temperature, TJ
150
°C
Storage Temperature Range, TS
–65 to 150
°C
ESD (Human Body Model)
2.0
kV
Package Thermal Resistance:
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
45
165
°C/W
°C/W
Lead Temperature Soldering:
Reflow (SMD styles only) (Note 1)
230 peak
°C
1. 60 sec. max above 183
°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com