Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM58140x-R02 Datasheet(PDF) 5 Page - P-tec Corporation

Part # PDM58140x-R02
Description  Easy mounting on PCB or socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDM58140x-R02 Datasheet(HTML) 5 Page - P-tec Corporation

  PDM58140x-R02 Datasheet HTML 1Page - P-tec Corporation PDM58140x-R02 Datasheet HTML 2Page - P-tec Corporation PDM58140x-R02 Datasheet HTML 3Page - P-tec Corporation PDM58140x-R02 Datasheet HTML 4Page - P-tec Corporation PDM58140x-R02 Datasheet HTML 5Page - P-tec Corporation PDM58140x-R02 Datasheet HTML 6Page - P-tec Corporation PDM58140x-R02 Datasheet HTML 7Page - P-tec Corporation PDM58140x-R02 Datasheet HTML 8Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
 
www.p-tec.net
110713 Rev0 JAS
Page 5 of 8
Luminous General lv Bin Grade (IF = 10mA)
Color Rank Limits (IF=20mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com