Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5115UI-50TESSOP Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5115UI-50TESSOP
Description  32-Tap Digitally Programmable Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5115UI-50TESSOP Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5115UI-50TESSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT5115
3
Doc. No. 2117, Rev. E
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(1)(2)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL-STD-883, Test Method 1008
100
Years
NEND
Endurance
MIL-STD-883, Test Method 1003
1,000,000
Stores
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
—
5.5
V
ICC1
Supply Current (Increment)
VCC = 5.5V, f = 1MHz, IW=0
——
100
µA
VCC = 5.5V, f = 250kHz, IW=0
——
50
ICC2
Supply Current (Write)
Programming, VCC = 5.5V
——
1mA
VCC = 3V
——
500
µA
ISB1 (2)
Supply Current (Standby)
CS=VCC-0.3V
——
1
µA
U/D, INC=VCC-0.3V or GND
OPERATION MODES
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC to GND ...................................... –0.5V to +7V
Inputs
CS to GND .............................–0.5V to VCC +0.5V
INC to GND ............................–0.5V to VCC +0.5V
U/
D to GND ............................–0.5V to VCC +0.5V
H to GND ................................ –0.5V to VCC +0.5V
L to GND ................................ –0.5V to VCC +0.5V
W to GND ............................... –0.5V to VCC +0.5V
Operating Ambient Temperature
Industrial (‘I’ suffix) ...................... – 40
°C to +85°C
Junction Temperature ..................................... +150
°C
Storage Temperature ....................... –65
°C to +150°C
Lead Soldering (10 sec max) .......................... +300
°C
* Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Absolute Maximum Ratings
are limited values applied individually while other parameters are
within specified operating conditions, and functional operation at any
of these conditions is NOT implied. Device performance and reliability
may be impaired by exposure to absolute rating conditions for extended
periods of time.
NOTES:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V
(3) IW=source or sink
(4) These parameters are periodically sampled and are not 100% tested.
RL
CL
CH
RH
CW
RW
Rwi
Potentiometer
Equivalent Circuit
DC Electrical Characteristics: VCC = +2.5V to +5.5V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
——
10
µA
IIL
Input Leakage Current
VIN = 0V
——
–10
µA
VIH1
TTL High Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
2
—
VCC
V
VIL1
TTL Low Level Input Voltage
0
—
0.8
V
VIH2
CMOS High Level Input Voltage
2.5V
≤ VCC ≤ 5.5V
VCC x 0.7
—
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
-0.3
—
VCC x 0.2
V
Logic Inputs
INC
CS
U/D
Operation
High to Low
Low
High
Wiper toward H
High to Low
Low
Low
Wiper toward L
X
High
X
Standby



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com