Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1104 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HT1104
Description  HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HT1104 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HT1104 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT1104 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT1104 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT1104 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT1104 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT1104 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT1104 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT1104 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10 7
10 6
10 5
10 4
10 3
10 2
10 1
10 0
10 -1
10 -2
-50
-25
0
25
50
75
100
125
150
HT1104
10 7
10 6
10 5
10 4
-50
-40
-30
-20
-10
0
10
20
30
40
50
-270
-225
-180
-135
-90
-45
Frequency (Hz)
VSUP=
±5.0V
RL=10k
Ω
CL=1,000pF
TA=25
°C
Gain
Phase
10 7
10 6
10 5
10 4
-50
-40
-30
-20
-10
0
10
20
30
40
50
-270
-225
-180
-135
-90
-45
VSUP=
±5.0V
RL=10k
Ω
CL=1,000pF
TA=225
°C
Phase
Gain
Frequency (Hz)
10 4
10 3
10 2
10 1
80
90
100
110
120
TA=225
°C
TA=25
°C
VDD=5.0V
VSS=-5.0V
RL=10k
Ω
CL=20pF
Frequency (Hz)
Frequency (Hz)
OPEN LOOP GAIN and
PHASE vs. FREQUENCY
OPEN LOOP GAIN and
PHASE vs. FREQUENCY
OPEN LOOP GAIN vs. FREQUENCY
COMMON MODE REJECTION
RATIO vs. FREQUENCY
TA=25
°C
TA=225
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com