Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT506DB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT506DB
Description  HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HT506DB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT506DB Datasheet HTML 1Page - List of Unclassifed Manufacturers HT506DB Datasheet HTML 2Page - List of Unclassifed Manufacturers HT506DB Datasheet HTML 3Page - List of Unclassifed Manufacturers HT506DB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HT506/507
ELECTRICAL CHARACTERISTICS (Split Supply)
Temperature range -55 to +225
°C, typical @ +25°C, V+ = +5V,
V- = -5 V, VIL = 0.8 V, VIH = 2.4V, unless otherwise specified
(1) Typical operating conditions: VDD=5.0 V +10%, TA=25
°C, pre-radiation.
(2) Worst case operating conditions: VDD=4.5 V to 5.5 V, -55 to 125
°C, post total dose at 25°C.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tp
y
T
)
1
(
e
s
a
C
t
s
r
o
W
)
2
(
t
i
n
U
n
i
Mx
a
M
h
c
t
i
w
S
g
o
l
a
n
A
V
G
O
L
A
N
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
5
-5
V
r S
D
( N
O
)e
c
n
a
t
s
i
s
e
R
-
n
O
e
c
r
u
o
S
-
n
i
a
r
D
VD
I
,
V
5
±
-
=
s
A
m
0
1
n
O
h
c
t
i
w
S
h
c
a
E
e
c
n
e
u
q
e
S
0
0
10
0
4
Ω
∆r S
D
( N
O
)
r S
D
( N
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
b
g
n
i
h
c
t
a
M
)VD
V
5
±
=2
%
IS( F
F
O
)t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
e
c
r
u
o
SV N
E
V
0
=1
0
.
05
2
1A
n
ID( F
F
O
)t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
n
i
a
r
DVD
V
,
V
5
.
0
±
=
N
E
V
,
V
0
=
S
V
5
±
=4
0
.
00
0
5
2
-0
0
5
2A
n
ID( N
O
)t
n
e
r
r
u
C
e
g
a
k
a
e
L
n
O
n
i
a
r
D
n
O
h
c
t
i
w
S
h
c
a
E
e
c
n
e
u
q
e
S
4
0
.
0
0
0
5
2
-0
0
5
2A
n
l
o
r
t
n
o
C
l
a
t
i
g
i
D
V H
I
e
g
a
t
l
o
V
t
u
p
n
I
h
g
i
H
c
i
g
o
L
4
.
2V
V L
I
e
g
a
t
l
o
V
t
u
p
n
I
w
o
L
c
i
g
o
L
8
.
0V
I H
I
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
c
i
g
o
LVA
V
0
1
,
V
4
.
2
=1
-1
A
µ
I L
I
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
c
i
g
o
LV N
E
V
,
V
4
.
2
,
V
0
=
A
V
0
=1
-1
A
µ
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
i
c
i
g
o
Lz
H
M
1
=
f7
F
p
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
c
i
m
a
n
y
D
t N
O
e
m
i
T
n
O
-
n
r
u
T
e
l
b
a
n
E
/
s
s
e
r
d
d
As
n
0
5
<
ll
a
f
t
/
e
s
i
r
t0
0
10
0
4s
n
t F
F
O
e
m
i
T
f
f
O
-
n
r
u
T
e
l
b
a
n
E
/
s
s
e
r
d
d
As
n
0
5
<
ll
a
f
t
/
e
s
i
r
t0
30
0
2s
n
Qn
o
i
t
c
e
j
n
I
e
g
r
a
h
CCL
V
,
F
n
1
=
S
R
,
V
0
=
S
0
=
Ω
D
B
TC
p
O S
I
n
o
i
t
a
l
o
s
I
f
f
OV N
E
R
,
V
0
=
L
k
1
=
Ω
z
H
k
0
0
1
=
f
,D
B
TB
d
CS( F
F
O
)e
c
n
a
t
i
c
a
p
a
C
f
f
O
e
c
r
u
o
SV N
E
V
,
V
0
=
S
z
H
M
1
=
f
,
V
0
=D
B
TF
p
CD( F
F
O
)e
c
n
a
t
i
c
a
p
a
C
f
f
O
n
i
a
r
D
V N
E
V
,
V
0
=
D
6
0
5
T
H
V
0
=
7
0
5
T
H
z
H
M
1
=
fD
B
T
F
p
CD( N
O
)e
c
n
a
t
i
c
a
p
a
C
n
O
n
i
a
r
D
V N
E
V
,
V
0
=
D
6
0
5
T
H
V
0
=
7
0
5
T
H
z
H
M
1
=
fD
B
T
F
p
s
e
i
l
p
p
u
S
r
e
w
o
P
+
It
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
i
s
o
P
V N
E
V
=
A
V
5
r
o
0
=
0
50
5
2A
µ
-
It
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
a
g
e
N
1
0
.
0
-0
2
-A
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com