Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT506DC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HT506DC
Description  HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HT506DC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HT506DC Datasheet HTML 1Page - List of Unclassifed Manufacturers HT506DC Datasheet HTML 2Page - List of Unclassifed Manufacturers HT506DC Datasheet HTML 3Page - List of Unclassifed Manufacturers HT506DC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HT506/507
TRUTH TABLE—HT506
TRUTH TABLE—HT507
ELECTRICAL CHARACTERISTICS (Single Supply)
Logic “0”
= VAL < 0.8 V
Logic “0”
= VAH > 2.4 V
X
= Don’t care
Temperature range -55 to +225
°C, typical @ +25°C, V+ = 10V,
V- = 0V, VIL = 0.8 V, VIH = 2.4V, unless otherwise specified
(1) Typical operating conditions: VDD= 5.0 V,TA=25
°C.
(2) Worst case operating conditions: VDD=10 V to
±10%, TA=-55°C to +225°C.
3
A3
A3
A3
A3
A2
A2
A2
A2
A2
A1
A1
A1
A1
A1
AO
AO
AO
AO
AO
AN
EN
EN
EN
EN
Eh
c
t
i
w
S
n
Oh
c
t
i
w
S
n
O
h
c
t
i
w
S
n
O
h
c
t
i
w
S
n
Oh
c
t
i
w
S
n
O
XXXX
0
e
n
o
N
0000
1
1
000
11
2
00
1
0
1
3
00
111
4
01
0
0
1
5
01
01
1
6
01
1
0
1
7
0
1111
8
1
000
1
9
10
0
1
1
0
1
10
10
1
1
1
1
0
111
2
1
11
00
1
3
1
11
0
1
1
4
1
111
0
1
5
1
11111
6
1
2
A2
A2
A2
A2
A1
A1
A1
A1
A1
A0
A0
A0
A0
A0
AN
EN
EN
EN
EN
Er
i
a
P
h
c
t
i
w
S
n
Or
i
a
P
h
c
t
i
w
S
n
O
r
i
a
P
h
c
t
i
w
S
n
O
r
i
a
P
h
c
t
i
w
S
n
Or
i
a
P
h
c
t
i
w
S
n
O
XXX
0
e
n
o
N
000
1
1
00
11
2
01
01
3
0
111
4
10
0
1
5
10
1
1
6
11
0
1
7
1111
8
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tp
y
T
)
1
(
e
s
a
C
t
s
r
o
W
)
2
(
n
i
Mx
a
Mt
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
V
G
O
L
A
N
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
1
1V
r S
D
( N
O
)e
c
n
a
t
s
i
s
e
R
-
n
O
e
c
r
u
o
S
-
n
i
a
r
D
VD
I
,
V
0
1
,
V
3
=
S
A
m
1
=
n
O
h
c
t
i
w
S
h
c
a
E
e
c
n
e
u
q
e
S
0
80
0
4
Ω
∆r S
D
( N
O
)
r S
D
( N
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
b
g
n
i
h
c
t
a
M
)
2%
IS( F
F
O
)t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
e
c
r
u
o
SV N
E
V
0
=1
0
.
00
0
2A
n
ID( F
F
O
)t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
n
i
a
r
D
VS
V
0
1
r
o
V
5
.
0
=
4
0
.
0
0
0
0
2
-0
0
0
2A
n
ID( N
O
)t
n
e
r
r
u
C
e
g
a
k
a
e
L
n
O
n
i
a
r
D
VS
V
=
D
V
0
1
±
=
n
O
h
c
t
i
w
S
h
c
a
E
e
c
n
e
u
q
e
4
0
.
0
0
0
5
2
-0
0
5
2A
n
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
c
i
m
a
n
y
D
t
S
N
A
R
T
r
e
x
e
l
p
i
t
l
u
M
f
o
e
m
i
T
g
n
i
h
c
t
i
w
SV 1
S
V
,
V
0
1
=
8
S
V
,
V
0
=
N
I
V
4
.
2
=0
0
4s
n
t
N
E
(
N
O
)n
O
-
n
r
u
T
e
l
b
a
n
E
/
s
s
e
r
d
d
A
s
n
0
5
<
ll
a
f
t
/
e
s
i
r
t
0
0
10
0
4s
n
t
)
N
E
(
F
F
O
e
m
i
T
f
f
O
-
n
r
u
T
e
l
b
a
n
E
/
s
s
e
r
d
d
A
0
30
0
2
Qn
o
i
t
c
e
j
n
I
e
g
r
a
h
CCL
0
=
S
R
,
V
6
=
S
V
,
F
n
1
=D
B
TC
p
s
e
i
l
p
p
u
S
r
e
w
o
P
+
It
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
i
s
o
P
V N
E
V
,
V
5
r
o
V
0
=
A
V
5
r
o
V
0
=
0
50
5
2A
µ
-
It
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
a
g
e
N
1
0
.
0
-0
2
-A
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com