Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5115PI-00TESSOP Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT5115PI-00TESSOP
Description  32-Tap Digitally Programmable Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5115PI-00TESSOP Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT5115PI-00TESSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5115PI-00TESSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT5115
8
Doc. No. 2117, Rev. E
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a CAT5115 SI-10TE13 (SOIC, 10K Ohms, Industrial Temperature, Tape & Reel)
Prefix
Device #
Suffix
5115
Product Number
CAT
Optional
Company ID
I
-10
Resistance
-10: 10kohms
-50: 50kohms
-00: 100kohms
S
Package
P: PDIP
S: SOIC
U: TSSOP
R: MSOP
L: PDIP (Lead free, Halogen free)
V: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)
TE13
Tape & Reel
SOIC: 2000/Reel
TSSOP: 2000/Reel
MSOP: 2500/Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com