Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT507DC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT507DC
Description  HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HT507DC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT507DC Datasheet HTML 1Page - List of Unclassifed Manufacturers HT507DC Datasheet HTML 2Page - List of Unclassifed Manufacturers HT507DC Datasheet HTML 3Page - List of Unclassifed Manufacturers HT507DC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
HTMOSTM High Temperature Products
HIGH TEMPERATURE ANALOG MULTIPLEXERS
16-CHANNEL SINGLE / 8-CHANNEL DUAL
HT506/507
• Down-Hole Oil Well
• Avionics
• Turbine Engine Control
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
• Specified Over -55 to +225
°C
• Break-Before-Make Switching
• No Latch-up
• On Resistance 400
Ω at 225°C
• 8-Channel Leakage 1.2
µA at 225°C
• Split and Single Supply Capability
FEATURES
APPLICATIONS
PACKAGE PINOUT HT507
PACKAGE PINOUT HT506
GENERAL DESCRIPTION
The HT506/507 monolithic multiplexers consist of sixteen
analog switches, 4-bit decode for channel selection, refer-
ence for logic switching thresholds, and enable pin for device
deactivation where applications require. These multiplexers
are fabricated with Honeywell’s dielectrically isolated latch-up
free high temperature (HTMOS™) linear process.
Performance is specified over the full -55 to +225
°C
temperature range. Typically, parts will operate up to
+300
°C for a year, with derated performance. All parts are
burned in at 250
°C to eliminate infant mortality.
The input buffers are designed to operate from either TTL
or CMOS levels while providing a break-before-make ac-
tion. The HT506 switches one of sixteen inputs to a
common output, while the HT507 switches one of eight
differential inputs to a differential output. These parts are
available in standard pinout 28-pin DIPs.
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://ssec.honeywell.com
24
23
22
21
20
19
18
17
16
15
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Decoders/Drivers
D
V-
S8
S7
S6
S5
S4
S3
S2
S1
EN
A0
A1
A2
V+
NC
NC/5V
S16
S15
S14
S13
S12
S11
S10
S9
GND
NC
A3
24
23
22
21
20
19
18
17
16
15
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Decoders/Drivers
Da
V-
S8a
S7a
S6a
S5a
S4a
S3a
S2a
S1a
EN
A0
A1
A2
V+
Db
-NC/5V
S8b
S7b
S6b
S5b
S4b
S3b
S2b
S1b
GND
NC
A3


Similar Part No. - HT507DC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HT507 HONEYWELL-HT507 Datasheet
262Kb / 4P
High Temperature Analog Multiplexers
More results

Similar Description - HT507DC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Analog Devices
ADG506AKRZ-REEL AD-ADG506AKRZ-REEL Datasheet
143Kb / 8P
8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A_15 Datasheet
415Kb / 20P
8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A_15 Datasheet
143Kb / 8P
8-/16-Channel Analog Multiplexers
REV. C
ADG507A AD-ADG507A_15 Datasheet
143Kb / 8P
8-/16-Channel Analog Multiplexers
REV. C
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com