Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5678090621 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 5678090621
Description  Pot Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

5678090621 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  5678090621 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pot Cores (5678090621)
Part Number: 5678090621
78 POT CORE SET
Pot cores have found application in all types of inductive devices. The core configuration provides a high degree of self-
shielding. It also facilitates gapping to enhance utility for a variety of magnetic designs.
Pot cores can be supplied with the center post gapped to a mechanical dimension or an A
L value.
Catalog Drawing
3D Model
Weight indicated is per pair or set.
Weight: 1.000 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Explanation of Part Numbers: Digits 1 & 2 = product class and 3 & 4 = material grade.
Electrical Properties
A
L(nH)
1200 ±25%
Ae(cm
2)
0.112
Σl/ A(cm
-1) 12
l
e(cm)
1.35
V
e(cm
3)
0.152
A
min(cm
2) 0.09
A
L value is measured at 1 kHz, B < 10 gauss.
Fair- Rite Products Corp.   •   One Commercial Row, Wallkill, New York 12589-0288
888-324-7748   •   845-895-2055   •   Fax: 845-895-2629   •   ferrites@fair- rite.com   •   www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
9.15
±0.15
0.36
_
B
2.65
±0.10
0.104
_
C
5.65
±0.15
0.222
_
D
1.8
min
0.071
min
E
7.5
min
0.295
min
F
3.8
±0.10
0.15
_
G
2.1
±0.30
0.083
_


Similar Part No. - 5678090621

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
567800 FESTO-567800 Datasheet
94Kb / 2P
Air solenoid valve
567806 FESTO-567806 Datasheet
81Kb / 1P
Interlinking block
More results

Similar Description - 5678090621

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
5678110821 FAIR-RITE-5678110821 Datasheet
515Kb / 1P
Pot Cores
5678221421 FAIR-RITE-5678221421 Datasheet
516Kb / 1P
Pot Cores
5678261721 FAIR-RITE-5678261721 Datasheet
516Kb / 1P
Pot Cores
5678362321 FAIR-RITE-5678362321 Datasheet
516Kb / 1P
Pot Cores
5695090621 FAIR-RITE-5695090621 Datasheet
515Kb / 1P
Pot Cores
5695110821 FAIR-RITE-5695110821 Datasheet
514Kb / 1P
Pot Cores
5695140921 FAIR-RITE-5695140921 Datasheet
516Kb / 1P
Pot Cores
5695302021 FAIR-RITE-5695302021 Datasheet
516Kb / 1P
Pot Cores
5698110821 FAIR-RITE-5698110821 Datasheet
515Kb / 1P
Pot Cores
5698221421 FAIR-RITE-5698221421 Datasheet
516Kb / 1P
Pot Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com