Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP117R Datasheet(PDF) 4 Page - TT Electronics.

Part # IP117R
Description  POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

IP117R Datasheet(HTML) 4 Page - TT Electronics.

  IP117R Datasheet HTML 1Page - TT Electronics. IP117R Datasheet HTML 2Page - TT Electronics. IP117R Datasheet HTML 3Page - TT Electronics. IP117R Datasheet HTML 4Page - TT Electronics. IP117R Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8376
Issue 1
Page 4 of 5
APPLICATIONS INFORMATION
OE
Vpp
READ
0V
5V
WRITE
BYTE
5V
21V
CHIP ERASE
12V
21V
ADJ
IP317A
RETURN
121 Ω
383 Ω
LM301A
8
6
4
3
2
7
1
25 Ω
5µF
1k Ω
25 Ω
VIN
(Max Drop 300mV)
OUTPUT
VIN
VIN
VOUT
R
P
R L
RETURN
1kΩ
1kΩ
383Ω
121Ω
ADJ
IP 317A
VIN
VOUT
2N3904
TTL
1µF
VIN
V
O U T
5V
249 Ω
1%
ADJ
IP317A
VIN
VOU T
1µF
+24V
To
750 Ω
1%
3.24k Ω
1%
VPP
39k Ω
18k Ω
100k Ω
To OE
READ
WRITE
BYTE ERASE
CHIP ERASE
All gates 7406.
R1
121 Ω
ADJ
IP317A
VIN
VOU T
1µF
VIN
C1
10 µF
5V
R2
383 Ω
20k Ω
10k Ω
50 Ω
2N3906
243 Ω
ADJ
IP317A
VIN
VOU T
VIN
1N4001
50k Ω
12V
THERMALLY
COUPLE
2816 EEPROM Supply Programmer for
Read / Write Control
Remote Sensing
5V Regulator with Shut Down
C1 improves ripple rejection
Xc should be small compared to R2
Improving Ripple Rejection
Temperature Compensated
Lead-Acid Battery Charger
IP117
IP117
IP117
IP117
IP117



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com