Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLJRGD8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLJRGD8
Description  Oval Red LED Lamp (4mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLJRGD8 Datasheet(HTML) 2 Page - TT Electronics.

  OVLJRGD8 Datasheet HTML 1Page - TT Electronics. OVLJRGD8 Datasheet HTML 2Page - TT Electronics. OVLJRGD8 Datasheet HTML 3Page - TT Electronics. OVLJRGD8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue 1.0
0505
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Oval Red LED Lamp (4mm)
OVLJRGD8
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +95 °C
Reverse Voltage
5 V
Continuous Forward Current1
50 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
200 mA
Power Dissipation
125 mW
260°C
Lead Soldering Temperature (3mm from the base of the epoxy bulb)2
Notes:
1.
For long term performance the drive currents between 10mA and 30mA are recommended. Please contact an Optek sales representative
for more information on recommended drive conditions.
2.
Solder time less than 3 seconds at temperature extreme.
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
280
400
----
mcd
IF = 20mA
VF
Forward Voltage
----
2.0
2.5
V
IF = 20mA
IR
Reverse Current
----
----
100
µA
VR = 5V
D
Dominant Wavelength
620
624
628
nm
IF = 20mA
2 ½H-H
50% Power Angle
----
100
----
deg
IF = 20mA
2 ½V-V
----
50
----
deg
IF = 20mA
Standard Bins (IF = 20mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLJRGD8 may be filled with any or all bins contained as below.
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
3. Pb content <1000PPM.
550
390
Q
280
P
Luminous intensity is
at P bin or above.
620
628
Dominant Wavelength (nm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com