Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLKBGT6 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLKBGT6
Description  Oval Blue LED Lamp (3mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLKBGT6 Datasheet(HTML) 2 Page - TT Electronics.

  OVLKBGT6 Datasheet HTML 1Page - TT Electronics. OVLKBGT6 Datasheet HTML 2Page - TT Electronics. OVLKBGT6 Datasheet HTML 3Page - TT Electronics. OVLKBGT6 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue 1.0
0505
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Oval Blue LED Lamp (3mm)
OVLKBGT6
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-30 ~ +80 °C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
120 mW
Lead Soldering Temperature (5 seconds max)
260°C
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
220
300
----
mcd
IF = 20 mA
VF
Forward Voltage
----
3.4
3.9
V
IF = 20 mA
IR
Reverse Current
----
----
2
µA
VR = 5V
D
Dominant Wavelength
465
470
475
nm
IF = 20 mA
2 ½
50% Power Angle
----
x: 100
----
deg
y: 60
IF = 20 mA
Standard Bins (IF = 20mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLKBGT6 may be filled with any or all bins contained as below.
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
3. When soldering, leave 2.5mm minimum clearance between the resin base and the soldering point.
320–380
5
265–320
4
220–265
3
Dominant Wavelength (nm)
470
475
465
Luminous intensity is
at 3 bin or above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com