Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3V314B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3V314B
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V314B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3V314B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8756A
11/02/04
PI3V314
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux VideoSwitch
Truth Table 1(1)
Enable
Select
EN0
S1
S0
YA/YB
Function
H
X
X
Hi-Z
Disable
L
L
L
I0
S1-S0 = 0
L
L
H
I1
S1-S0 = 1
L
H
L
I2
S1-S0 = 2
L
H
H
I3
S1-S0 = 3
Block Diagram
IA0
EN0
S0
S1
IA1 IA2 IA3 IB0 IB1 IB2 IB3
YA
YB
IC0
EN1
S2
S3
IC1 IC2 IC3
YC
Truth Table 2(1)
Enable
Select
EN1
S3
S2
YC
Function
H
X
X
Hi-Z
Disable
L
L
L
I0
S3-S2 = 0
L
L
H
I1
S3-S2 = 1
L
H
L
I2
S3-S2 = 2
L
H
H
I3
S3-S2 = 3
Notes:
1. H=High Voltage Level; L=Low Voltage Level
Notes:
1. For video applications: In order to control Muxing and DeMuxing
of all the 12 to 3 channels with the same control plane, the follow-
ing connectoins need to be made on the board:
a. EN0 and EN1 need to be tied together
b. S1 and S3 need to be tied together
c. S0 and S2 need to be tied together



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com