Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC02 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC02
Description  Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC02 Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC02 Datasheet HTML 1Page - ON Semiconductor MM74HC02 Datasheet HTML 2Page - ON Semiconductor MM74HC02 Datasheet HTML 3Page - ON Semiconductor MM74HC02 Datasheet HTML 4Page - ON Semiconductor MM74HC02 Datasheet HTML 5Page - ON Semiconductor MM74HC02 Datasheet HTML 6Page - ON Semiconductor MM74HC02 Datasheet HTML 7Page - ON Semiconductor MM74HC02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC02 Rev. 1.4
March 2015
MM74HC02
Quad 2-Input NOR Gate
Features
• Typical Propagation Delay: 8 ns
• Wide Power Supply Range: 2 V to 6 V
• Low Quiescent Supply Current: 20 µA Maximum
(74HC Series)
• Moisture Level Sensitivity 1
• Low Input Current: 1 µA Maximum
• High Output Current: 4 mA Minimum
Ordering Information
All packages are lead free per JEDEC: J-STD-020B standard.
Part Number
Top Mark
Package
Packing Method
MM74HC02M
MM74HC02M
SOIC 14L
Rail
MM74HC02MX
MM74HC02M
SOIC 14L
Tape and Reel
MM74HC02MTC
HC02
TSSOP 14L
Rail
MM74HC02MTCX
HC02
TSSOP 14L
Tape and Reel
Connection Diagram
Logic Diagram
Pin Assignment for SOIC, TSSOP
Top View
General Description
The MM74HC02 NOR gates utilize advanced silicon-
gate CMOS technology to achieve operating speeds
similar to LS-TTL gates with the low power consumption
of standard CMOS integrated circuits. All gates have
buffered outputs, providing high noise immunity and the
ability to drive 10 LS-TTL loads. The 74HC logic family is
functionally as well as pin-out compatible with the stan-
dard 74LS logic family. All inputs are protected from
damage due to static discharge by internal diode clamps
to VCC and ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com