Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMP3102 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMP3102
Description  Vishay Semiconductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3102 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMP3102 Datasheet HTML 1Page - Vishay Siliconix TLMP3102 Datasheet HTML 2Page - Vishay Siliconix TLMP3102 Datasheet HTML 3Page - Vishay Siliconix TLMP3102 Datasheet HTML 4Page - Vishay Siliconix TLMP3102 Datasheet HTML 5Page - Vishay Siliconix TLMP3102 Datasheet HTML 6Page - Vishay Siliconix TLMP3102 Datasheet HTML 7Page - Vishay Siliconix TLMP3102 Datasheet HTML 8Page - Vishay Siliconix TLMP3102 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VISHAY
TLMG / H / O / P / Y310.
Document Number 83032
Rev. 1.7, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19225
SMD LED in PLCC-2 Package
Description
These devices have been designed to meet the
increasing demand for surface mounting technology.
The package of the TLM.310. is the PLCC-2 (equiva-
lent to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement equipment
• EIA and ICE standard package
• Compatible with infrared, vapor phase and wave
solder processes according to CECC
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax/IVmin ≤ 1.6
• Lead-free device
Applications
Automotive: Backlighting in dashboards and switches
Telecommunication: Indicator and backlighting in
telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLMH3100
Red, IV > 2.5 mcd
60 °
GaAsP on GaP
TLMH3101
Red, IV = (4 to 12.5) mcd
60 °
GaAsP on GaP
TLMH3102
Red, IV = (6.3 to 20) mcd
60 °
GaAsP on GaP
TLMO3100
Soft orange, IV > 2.5 mcd
60 °
GaAsP on GaP
TLMO3101
Soft orange, IV = (4 to 12.5) mcd 60 °
GaAsP on GaP
TLMY3100
Yellow, IV > 2.5 mcd
60 °
GaAsP on GaP
TLMY3102
Yellow, IV = (6.3 to 20) mcd
60 °
GaAsP on GaP
TLMG3100
Green, IV > 4 mcd
60 °
GaP on GaP
TLMG3102
Green, IV = (10 to 20) mcd
60 °
GaP on GaP


Similar Part No. - TLMP3102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3102 VISHAY-TLMP3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMP3102 VISHAY-TLMP3102 Datasheet
133Kb / 11P
Standard SMD LED PLCC-2
12-Sep-07
More results

Similar Description - TLMP3102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESH1PB VISHAY-ESH1PB Datasheet
96Kb / 4P
Vishay General Semiconductor
25-Jun-07
VS-80SQ045TR VISHAY-VS-80SQ045TR Datasheet
134Kb / 7P
VS-80SQ... Series, VS-80SQ...-M3 Series Vishay Semiconductors
19-Sep-11
1N5242B-TAP VISHAY-1N5242B-TAP Datasheet
99Kb / 6P
Vishay Semiconductors
06-May-13
BZG03C62-TR VISHAY-BZG03C62-TR Datasheet
81Kb / 5P
BZG03C-Series Vishay Semiconductors
29-Nov-11
S1PGHE3 VISHAY-S1PGHE3 Datasheet
110Kb / 5P
Vishay General Semiconductor
18-Apr-08
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
VEMD6010X01 VISHAY-VEMD6010X01 Datasheet
159Kb / 7P
Vishay Semiconductors
03-Jul-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMK23P2R1-GS08 TO-GRACE-VLMK23P2R1-GS08 Datasheet
1Mb / 12P
Vishay Semiconductors
logo
List of Unclassifed Man...
1-800-543-4330 ETC2-1-800-543-4330 Datasheet
2Mb / 31P
SEMICONDUCTORS
STK413-220A ETC1-STK413-220A Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com