Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSD10L150SW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSSD10L150SW
Description  10A, 100V - 200V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSD10L150SW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSSD10L150SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSD10L150SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSD10L150SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSD10L150SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSD10L150SW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSSD10L150SW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSSD10L100SW - TSSD10L200SW
Taiwan Semiconductor
1
Version:B1704
10A, 100V - 200V Trench Schottky Rectifier
FEATURES
● Patented Trench Schottky technology
● Low power loss / high efficiency
● Ideal for automated placement
● Guard ring for over-voltage protection
● High forward surge capability
● Compliant to RoHS directive 2011/65/EU and
In accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● On-board DC/DC converter
MECHANICAL DATA
● Case: TO-252 (D-PAK)
● Molding compound meets UL 94V-0 flammability rating
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 0.4 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
10
A
VRRM
100 - 200
V
IFSM
120
A
TJ MAX
150
°C
Package
TO-252 (D-PAK)
Configuration
Single die
TO-252 (D-PAK)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSSD10L
100SW
TSSD10L
150SW
TSSD10L
200SW
UNIT
Marking code on the device
10L100SW
10L150SW
10L200SW
Repetitive peak reverse voltage
VRRM
100
150
200
V
Forward current
IF(AV)
10
A
Surge peak forward current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
200
A
Critical rate of rise of off-state voltage
dV/dt
10,000
V/µs
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TSSD10L150SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSD10L45SW TSC-TSSD10L45SW Datasheet
338Kb / 6P
10A, 45V - 60V Trench Schottky Rectifier
TSSD10L60SW TSC-TSSD10L60SW Datasheet
338Kb / 6P
10A, 45V - 60V Trench Schottky Rectifier
More results

Similar Description - TSSD10L150SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
10A, 100V - 200V Trench Schottky Rectifiers
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
10A, 100V - 200V Trench Schottky Rectifier
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
10A, 100V - 200V Trench Schottky Rectifiers
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
10A, 200V Trench Schottky Rectifier
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
10A, 200V Trench Schottky Rectifier
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
10A, 200V Trench Schottky Rectifiers
logo
PFC Device Inc.
PFR10L200CT PFC-PFR10L200CT Datasheet
775Kb / 7P
10A 200V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com