Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSD20L150SW Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSSD20L150SW
Description  20A, 100V - 200V Trench Schottky Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSD20L150SW Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSSD20L150SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSD20L150SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSD20L150SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSD20L150SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSD20L150SW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSSD20L150SW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSSD20L150SW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSSD20L150SW Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TSSD20L100SW - TSSD20L200SW
Taiwan Semiconductor
6
Version:B1702
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.9 Forward Current Derating Curve
Fig.10 Typical Junction Capacitance
Fig.11 Typical Reverse Characteristics
Fig.12 Typical Forward Characteristics
0
10
20
30
25
50
75
100
125
150
Resistive or
inductive load
with heat sink
TSSD20L200SW
10
100
1000
10000
1
10
100
f=1.0MHz
Vsig=50mVp-p
TSSD20L200SW
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
T
J=25°C
T
J=125°C
TSSD20L200SW
0.1
1
10
100
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
TSSD20L200SW
LEAD TEMPERATURE (°C)
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.001
0.01
0.1
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Pulse width
T
J=25°C
T
J=125°C
UF1DLW
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com