Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSW3U60 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSSW3U60
Description  3A, 45V - 60V Trench Schottky Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSW3U60 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSSW3U60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSW3U60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSW3U60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSW3U60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSSW3U45-TSSW3U60
CREAT BY ART
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Lower power loss/ high efficiency
- High forward surge capability
- Halogen-free according to IEC 61249-2-21
MECHANICAL DATA
Case: SOD-123W
Molding compound: UL flammability classification rating 94V-0
Moisture sensitivity level: level 1, per J-STD-020
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal: Matte tin plated leads, solderable per J-STD-002
Meet JESD 201 class 2 whisker test
VRRM
VRWM
VRM
VRMS
V
IF(AV)
A
Typ
Max
Typ
Max
IF = 1A
0.33
-
0.39
-
IF = 3A
0.40
0.47
0.49
0.58
IF = 1A
0.24
-
0.28
-
IF = 3A
0.34
0.44
0.43
0.52
TJ = 25°C
μA
TJ = 125°C
mA
TJ
°C
TSTG
°C
Note 1: Pulse test with pulse width=300μs, 1% duty cycle
Version: A1606
42
3A, 45V - 60V Trench Schottky Rectifiers
TSSW3U45
TSSW3U60
3
A
45
Taiwan Semiconductor
SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted)
PARAMETER
32
V
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Marking code
UNIT
Storage temperature range
- 55 to +150
50
SOD-123W
Polarity: Indicated by cathode band
Weight: 16 mg (approximately)
Maximum RMS voltage
IR
Maximum average forward rectified current
- 55 to +150
Typical thermal resistance
RθJL
RθJA
20
75
Instantaneous forward voltage (Note 1)
TJ = 25°C
VF
Operating junction temperature range
°C/W
W3U45
W3U60
DC Blocking Voltage
Working Peak Reverse Voltage
IFSM
60
Maximum repetitive peak reverse voltage
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
V
TJ = 125°C
Maximum Instantaneous reverse current at rated
reverse voltage
1000
50


Similar Part No. - TSSW3U60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSW3U60H TSC-TSSW3U60H Datasheet
441Kb / 5P
3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
More results

Similar Description - TSSW3U60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSA3U45 TSC-TSSA3U45_15 Datasheet
190Kb / 4P
3A, 45V Trench Schottky Rectifier
TSSE3H45 TSC-TSSE3H45 Datasheet
207Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
TSSE3U45 TSC-TSSE3U45 Datasheet
208Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
TST30L45CW TSC-TST30L45CW Datasheet
225Kb / 5P
30A, 45V - 60V Trench Schottky Rectifiers
TST20U45CW TSC-TST20U45CW Datasheet
214Kb / 5P
20A, 45V - 60V Trench Schottky Rectifiers
TST30U45C TSC-TST30U45C Datasheet
225Kb / 5P
30A, 45V - 60V Trench Schottky Rectifiers
TST30U45CW TSC-TST30U45CW Datasheet
205Kb / 5P
30A, 45V - 60V Trench Schottky Rectifiers
TST40L45CW TSC-TST40L45CW Datasheet
205Kb / 5P
40A, 45V - 60V Trench Schottky Rectifiers
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSS83L45 TSC-TSS83L45 Datasheet
314Kb / 5P
3A, 45V Trench Schottky Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com