Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP772-P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP772-P
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP772-P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP772-P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP772-P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCP772
-3A, -40V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
05-Dec-2017 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
24
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
BCP772 has Low Speed Switching
MARKING
CLASSIFICATION OF hFE
Product-Rank
BCP772-O
BCP772-P
BCP772-GR
Range
100~200
160~320
200~400
PACKAGE INFORMATION
ORDER INFORMATION
* =Rank
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current-Continuous
IC
-3
A
Collector Power Dissipation
PC
0.5
W
Thermal Resistance from Junction-Ambient
RθJA
250
°C/W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC= -100µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-30
-
-
V
IC= -10mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -100µA, IC=0
Collector Cut-off Current
ICBO
-
-
-1
µA
VCB= -40V, IE=0
Collector Cut-off Current
ICEO
-
-
-10
µA
VCE= -30V, IB=0
Emitter Cut-off Current
IEBO
-
-
-1
µA
VEB= -6V, IC=0
DC Current Gain
hFE
100
-
400
VCE= -2V, IC= -1A
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC= -2A, IB= -0.2A
Base-Emitter Saturation Voltage
VBE(sat)
-
-
-1.5
V
IC= -2A, IB= -0.2A
Transition Frequency
fT
50
-
-
MHz
VCE= -5V, IC= -0.1A, f=10MHz
B772
Package
MPQ
Leader Size
SOT-89
1K
7 inch
Part Number
Type
BCP772-
Lead (Pb)-free
BCP772- -C
Lead (Pb)-free and Halogen-free
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.55 TYP.
L
0.35
0.44
F
0.89
1.20


Similar Part No. - BCP772-P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772_11 Datasheet
230Kb / 2P
-3 A, -40 V PNP Plastic Encapsulated Transistor
BCP772 SECOS-BCP772_15 Datasheet
230Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - BCP772-P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com