Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC554 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC554
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC554 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC554 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC554 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC554
2A, 100V
P
Plastic Encapsulated Transistor
04-Oct-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
24
24
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Saturation Voltage
High Speed Switching
MARKING
C554
PACKAGE INFORMATION
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6
V
Collector Current-Continuous
IC
2
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance From Junction-Ambient
RθJA
250
°C/W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-Base Breakdown Voltage
V(BR)CBO
100
-
-
V
IC=0.1mA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
100
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=0.1mA, IC=0
Collector Cut-off Current
ICBO
-
-
1
µA
VCB=100V, IE=0
Emitter Cut-off Current
IEBO
-
-
1
µA
VEB=4V, IC=0
DC Current Gain
hFE
82
-
270
VCE=3V, IC=100mA
-
-
0.2
IC=500mA, IB=25mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=1A, IB=50mA
Transition Frequency
fT
30
-
-
MHz
VCE=5V, IC=100mA
Collector Output Capacitance
Cob
-
16
-
pF
VCB=10V, IE=0, f=1MHz
Package
MPQ
Leader Size
SOT-89
1K
7 inch
Part Number
Type
2SC554
Lead (Pb)-free
2SC554-C
Lead (Pb)-free and Halogen-free
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.55 TYP.
L
0.35
0.44
F
0.89
1.20


Similar Part No. - 2SC554

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC554 JIANGSU-2SC554 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC554 DGNJDZ-2SC554 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Sanyo Semicon Device
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5541 SANYO-2SC5541 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier Applications
logo
Hitachi Semiconductor
2SC5543 HITACHI-2SC5543 Datasheet
46Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results

Similar Description - 2SC554

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP869 SECOS-BCP869 Datasheet
75Kb / 2P
Plastic Encapsulated Transistor
S9014W SECOS-S9014W Datasheet
269Kb / 2P
Plastic Encapsulated Transistor
2SC2655L SECOS-2SC2655L Datasheet
622Kb / 2P
NPN Plastic Encapsulated Transistor
A1020 SECOS-A1020 Datasheet
306Kb / 2P
PNP Plastic-Encapsulated Transistor
MMBTA28 SECOS-MMBTA28 Datasheet
291Kb / 2P
NPN Plastic Encapsulated Transistor
MMBT1616A-C SECOS-MMBT1616A-C Datasheet
220Kb / 2P
NPN Plastic Encapsulated Transistor
CZD882M SECOS-CZD882M Datasheet
349Kb / 2P
NPN Plastic Encapsulate Transistor
BCPA44 SECOS-BCPA44 Datasheet
353Kb / 2P
NPN Plastic Encapsulated Transistor
2SB1151 SECOS-2SB1151 Datasheet
304Kb / 2P
PNP Plastic Encapsulated Transistor
PZT772J SECOS-PZT772J Datasheet
319Kb / 2P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com