Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R240331.5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-R240331.5
Description  1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R240331.5 Datasheet(HTML) 2 Page - STMicroelectronics

  GS-R240331.5 Datasheet HTML 1Page - STMicroelectronics GS-R240331.5 Datasheet HTML 2Page - STMicroelectronics GS-R240331.5 Datasheet HTML 3Page - STMicroelectronics GS-R240331.5 Datasheet HTML 4Page - STMicroelectronics GS-R240331.5 Datasheet HTML 5Page - STMicroelectronics GS-R240331.5 Datasheet HTML 6Page - STMicroelectronics GS-R240331.5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GS-R24P
2/7
SELECTION CHART
* Packing Legend (P)
H = horizontal through hole
S = horizontal SMD
V = vertical through hole
ABSOLUTE MAXIMUM RATINGS
Type
Ordering
Number
Output
Voltage
[V]
Input
Voltage
[V]
Output
Ripple
[mVpp]
Efficiency
[%]
Package
(P)*
Notes
GS-R24(P)0181.5
1.8
± 4%
16
÷ 35
35
72
H-S-V
Fixed output
voltage
GS-R24(P)0251.5
2.5
± 4%
16
÷ 35
35
76
H-S-V
Fixed output
voltage
GS-R24(P)0331.5
3.3
± 4%
16
÷ 35
35
82
H-S-V
Fixed output
voltage
GS-R24(P)0501.5
5.0
± 4%
16
÷ 35
35
85
H-S-V
Fixed output
voltage
GS-R24(P)0001.5
1.235
÷ 5.5
16
÷ 35
50
68
÷ 85
H-S
Progr. output
voltage
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage (for GS-R24(P)XXX1.5)
36
V
Iout
Maximum Output Current
int. limit
V4
INH
-0.3 to Vi
V
V6
FB
4V
Tstg
Storage Temperature Range
-40
÷ 105
°C
Top
Operating Ambient Temperature
-25
÷ 70
°C
Top1
Operating Ambient Temperature with current derating
-25
÷ 85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com