Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663RS-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL1663RS-13
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663RS-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL1663RS-13 Datasheet HTML 5Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 6Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 7Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 8Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 9Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 10Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 11Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 12Page - Diodes Incorporated AL1663RS-13 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
9 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Application Information (Cont.)
5. Over Temperature Protection (OTP)
The AL1663/AL1663R has build-in over temperature protection (OTP) function. When the temperature goes up to +165°C, the over temperature
protection will be triggered, which leads to a latch mode protection. When OTP happens, the system need to be powered off and on again to
restart.
Output Constant-current Control
According to the definition of mean output current, the mean output current can be obtained as below.
dt
t
t
I
I
SW
ONS
SP
MEAN
O
0
_
2
1
1
Where IO_MEAN is the mean output current; ISP is secondary peak current of transformer;
tONS is discharge time of secondary side of transformer; tSW is the switch period.
According to the principle of AL1663/AL1663R close loop control, the voltage of RCS will be sampled when switch is turned off and the value will
be held until discharge time tONS is over. It can be described by following formula:
dt
t
t
R
I
V
SW
ONS
CS
P
REF
0
1
Where IP is primary peak current of transformer; RCS is current sense resistor which is shown as Figures 1 and 2.
tONS is discharge time of secondary side of transformer; tSW is the switch period. VREF is internal reference voltage that is equal to 0.3V.
The peak current at secondary side has following relationship with primary side peak current, if the effect of the leakage inductor is neglected.
SP
PS
P
I
N
I

Where NPS is the turns ratio of Flyback transformer (NPS=1 for Buck-boost); IP is the primary peak current of the transformer.
According to these above formulas, the mean output current can be induced finally by below expressions.
_
2
PS
REF
O MEAN
CS
NV
I
R
Where IO_MEAN is the mean output current; RCS is current sense resistor which is shown as Figures 1 and 2;
VREF is internal reference voltage that is equal to 0.3V; NPS is the turns ratio of Flyback transformer (NPS=1 for Buck-boost);
Therefore, the constant output current control can be realized with appropriate parameter design.
PF and THD compensation circuit
For normal application, AL1663/AL1663R can provide high PF and low THD. But there is a phase difference between input current and input
voltage especially at high input voltage, thus PF and THD may not be the best situation. The below circuit can optimize this situation by reducing
the phase difference. VBUS is connected to the voltage point after rectifier. In normal application resistor RN1 is usually a several hundred k
Ω
resistor, RN2 is a
hundred Ω resistor, CN1 is a several µF capacitor. PF and THD can be improved by debugging these components.
COMP
Ccomp
Rcomp
VBUS
CN1
RN1
RN2
Figure 3. PF and THD Optimization Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com