Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1692 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1692
Description  DIMMABLE LED CONTROLLER/DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1692 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1692 Datasheet HTML 4Page - Diodes Incorporated AL1692 Datasheet HTML 5Page - Diodes Incorporated AL1692 Datasheet HTML 6Page - Diodes Incorporated AL1692 Datasheet HTML 7Page - Diodes Incorporated AL1692 Datasheet HTML 8Page - Diodes Incorporated AL1692 Datasheet HTML 9Page - Diodes Incorporated AL1692 Datasheet HTML 10Page - Diodes Incorporated AL1692 Datasheet HTML 11Page - Diodes Incorporated AL1692 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AL1692
Document number: DS39008 Rev. 2 - 2
8 of 15
www.diodes.com
September 2017
© Diodes Incorporated
AL1692
Functional Description and Application Information
Operation
The AL1692 is a single stage, single winding, high efficiency, and high power factor dimmable LED driver controller/drivers for triac dimmable LED
lamp applications. The AL1692 controller with an external MOSFET can support larger power application up to 25W. The AL1692 LED drivers:
AL1692-30BA with 400V/3A and AL1692-20C with 600V/2A internal MOSFET options can cover both 120VAC and 230VAC application.
The AL1692 adopts source-driver technique to decrease the system operating current. It uses a novel method to detect the tOFF time which results
in the removal for the need of an auxiliary winding. The AL1692 operates at boundary conduction mode (BCM) which can ease EMI design and
achieve high efficiency. High power factor (HPF) is achieved by using constant on-time mode; coupled with a closed loop of constant current
control, the AL1692 achieves good line and load regulation.
Start-up and Supply Voltage
Before start-up, the VCC capacitor C4 is charged by the startup resistors (R2, R3) from the high voltage mains. When the start-up voltage is
reached, the AL1692 starts switching. During normal operation, the VCC supply is provided by start-up resisters (R2, R3) and the output voltage
(VOUT) rectified by one diode (D2). In this way the system can provide VCC supply at low dimming angle.
The AL1692 has an internal VCC clamp voltage (typical 15.5V), which is limited by one internal active Zener diode.
When V
CC voltage drops to below the VOPR(MIN), switching is stop. So the device can operate normally when the voltage on VCC pin is between
VOPR(MIN) and VCC clamp voltage.
Protections
Under Voltage Lockout (UVLO)
When the voltage on the VCC pin drops to below VOPR(Min), the IC stops switching. The IC can restart when the voltage on VCC exceeds the
startup voltage (VTH(ST)).
Leading-Edge Blanking (LEB)
To prevent false detection of the peak current of the inductor, a blanking time following switch-on is designed. When the internal switch turns on, a
short current spike can occur because of the capacitive discharge of the voltage over the drain and source. It is disregarded during the LEB time
(tON_MIN).
Cycle-by-cycle Over Current Protection (OCP)
The AL1692 has a built-in peak current detector. It triggers when the voltage on CS pin reaches the peak level VCS_CLAMP. The R5 is connected to
the CS pin to sense the current of the inductor. The maximum peak current (IPEAK(MAX))of the inductor can be calculated as below:
_
5
CS CLAMP
PEAK MAX
V
I
R
……………………(1)
The detection circuit is activated after the LEB time. When the detection circuit sense the CS voltage is higher than 1V, the IC will turn off the
switching to limit the output current. It automatically provides protection for the maximum LED current during operation. A propagation delay exists
between over current detection and actual source-switch off, so the actual peak current is a little higher than the OCP level set by the R5.
Over-Voltage Protection and Output-Open Protection (OVP)
The output voltage is sensed by the FB pin, which provides an over-voltage protection (OVP) function. When the output is open or large transient
happens, the output voltage will exceed the rated value (R8, R9). When the voltage exceeds VFB, the over-voltage is triggered and the IC will
discharge VCC. When the VCC is below the UVLO threshold voltage, IC will restart and the VCC capacitor is charged again by start-up resistance. If
the over voltage condition still exists, the system will work in hiccup mode.
Output-Short Protection (OSP)
When LED is shorted, the device cannot detect the tOFF time, and the device controls the system operation at 4kHz low frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com