Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1771 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL1771
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1771 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL1771 Datasheet HTML 9Page - Diodes Incorporated AL1771 Datasheet HTML 10Page - Diodes Incorporated AL1771 Datasheet HTML 11Page - Diodes Incorporated AL1771 Datasheet HTML 12Page - Diodes Incorporated AL1771 Datasheet HTML 13Page - Diodes Incorporated AL1771 Datasheet HTML 14Page - Diodes Incorporated AL1771 Datasheet HTML 15Page - Diodes Incorporated AL1771 Datasheet HTML 16Page - Diodes Incorporated AL1771 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
13 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Functional Description (Cont.)
Over Current Protection (OCP)
The PFC controller has a built-in cycle-by-cycle OCP of primary inductor current. When CS pin voltage reaches the voltage VCS_OCP, the switch
will be turned off until the next switch period. The maximum peak current (IPEAK (MAX)) of the inductor can be calculated as below:
Where: VCS_OCP means primary current clamp voltage that is 0.5V.
RCS is current sense resister shown as Figure 1.
Over Temperature Protection (OTP)
The PFC controller has built-in OTP function. When the junction temperature goes up to shut down temperature, the OTP will be triggered, the
switch will be shutdown. Until the junction temperature falls to the recovery temperature, the PFC controller will be restarted.
Single/Dual Dimmable Linear LED driver
The Single/Dual Channel Linear LED driver supports E-flicker free High Frequency PWM dimming with Deep Dimming Capability: Support 40kHz
down to 4%, 10kHz down to 1.0%, 4kHz down to 0.4%, or 1kHz down to 0.1% with good dimming linearity. When no PWM signal is detected by
the Linear LED driver, it will automatically enter the low-power mode for power saving purpose to be in compliance with Energy Star standby
power requirement for SCL bulbs. It also integrates Adaptive Thermal Management (ATM) scheme to minimize non-productive power dissipation.
The Linear LED driver has abundant of protection features, including Under-Voltage-Lockout (UVLO), LED string Open/Short protection and Over-
temperature protection (OTP); when detecting these fault conditions, it will report the fault status on FAULTB pin.
1.
Enable and Soft-Start LED Drivers
The Linear LED driver is enabled when the voltage at any PWMx pin is greater than approximately 2.5V, and disabled when all PWMx are lower
than 0.4V. Upon any PWMx pin is asserted and DVCC pin is ramped up beyond minimum operation voltage, a soft start will be performed with a
slew-rate-controlled current ramp over 2
00μS at LEDx output pins to minimize current overshoot through LED strings for optimal system reliability.
When all PWMx are inactive for 4ms, The LED Driver will enter Low-Power mode with ultra-low standby power.
2.
LED Current Setting and Capability
(1)
LED Current Setting
The Linear LED driver is designed to have individual channel current set by its corresponding current setting RSET resistor. The LED channel
current level is expressed as below:
For AL1771:
For AL1772:
For example, when an RSET of 6k
Ω is used, Channel 1 of AL1771 provides current of 1000mA. For the same RSET setting, each channel of
AL1772 provides same current amount of 500mA.
(2)
LED Current Capability
The maximum current of each channel can drive up to 750mA with a total driving current up to 1500mA (refer to Table 1 below). The minimum
channel current is recommended as in Table 2 in order to meet channel current accuracy and short protection specifications. Each channel can
still be individually controlled by digital PWM dimming. The integrated low-side current sinks allow LED common-anode connections for cost
effectiveness or different anode voltages for efficiency optimization.
—
Channel 1
Channel 2
Total IC Current
AL1771
1500mA
Not Applicable
1500mA
AL1772
750mA
750mA
1500mA
Table 1. Recommended Maximum Channel Current and Total IC Current for AL1771/1772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com