Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1788 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1788
Description  LOW STANDBY POWER PFC CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1788 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1788 Datasheet HTML 1Page - Diodes Incorporated AL1788 Datasheet HTML 2Page - Diodes Incorporated AL1788 Datasheet HTML 3Page - Diodes Incorporated AL1788 Datasheet HTML 4Page - Diodes Incorporated AL1788 Datasheet HTML 5Page - Diodes Incorporated AL1788 Datasheet HTML 6Page - Diodes Incorporated AL1788 Datasheet HTML 7Page - Diodes Incorporated AL1788 Datasheet HTML 8Page - Diodes Incorporated AL1788 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AL1788
Document number: DS39401 Rev. 1 - 2
4 of 13
www.diodes.com
October 2017
© Diodes Incorporated
AL1788
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 30
V
VCS
Voltage at CS
-0.3 to 7
V
VFB
Voltage at FB
-0.3 to 7
V
VCOMP
Voltage at COMP
-0.3 to 7
V
TJ
Junction Temperature
-40 to +150
°C
TST
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+260
°C
PD
Power Dissipation (Note 5)
0.7
W
θJA
Thermal Resistance Junction-to-Ambient ) (Note 5)
160
°C/W
θJC
Thermal Resistance Junction-to-Case) (Note 5)
36
°C/W
ESD
HBM
Human Body Model ESD Protection
2,000
V
CDM
Charged Device Model ESD Protection
1,000
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional
operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability. All voltages unless otherwise stated and measured with
respect to GND.
5. Device mounted on 1"x1" FR-4 MRP substrate PC board, 2oz cooper, with minimum recommended pad layout.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Input Voltage at VCC
9.0
25
V
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com