Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3066 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3066
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3066 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3066 Datasheet HTML 1Page - Diodes Incorporated AL3066 Datasheet HTML 2Page - Diodes Incorporated AL3066 Datasheet HTML 3Page - Diodes Incorporated AL3066 Datasheet HTML 4Page - Diodes Incorporated AL3066 Datasheet HTML 5Page - Diodes Incorporated AL3066 Datasheet HTML 6Page - Diodes Incorporated AL3066 Datasheet HTML 7Page - Diodes Incorporated AL3066 Datasheet HTML 8Page - Diodes Incorporated AL3066 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AL3066
Document number: DS39257 Rev. 2 - 2
4 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL3066
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4, 5)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 40
V
VEN
EN Pin Voltage
-0.3 to 7
V
VCC
VCC Pin Voltage
-0.3 to 7
V
HVCC
HVCC Pin Voltage
-0.3 to 20
V
VCH
CH1 to CH4 Pins Voltage
-0.3 to 60
V
VCS
CS Pin Voltage
-0.3 to 42
V
VCOMP
COMP Pin Voltage
-0.3 to 7
V
VISET
ISET Pin Voltage
-0.3 to 7
V
VOUT
OUT Pin Voltage
-0.3 to 20
V
VOVP
OVP Pin Voltage
-0.3 to 42
V
VRT
RT Pin Voltage
-0.3 to 7
V
VDIM_ISET
DIM_ISET Pin Voltage
-0.3 to 7
V
VDIM
DIM Pin Voltage
-0.3 to 7
V
VGND
GND Pin Voltage
-0.3 to 0.3
V
θJA
Thermal Resistance (Junction to Ambient) (Note 6)
79
°C /W
θJC
Thermal Resistance (Junction to Case) (Note 6)
10
°C
/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
-
ESD (Machine Model)
200
V
-
ESD (Human Body Model)
4000
V
Note: 4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions beyond those indicated under “Recommended
Operating Conditions” are not implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. For better performance, the AL3066 should have high voltage pins CS and OVP. If CS or OVP pin is added to 16V, the IC will not smoke
or burn.
6. Device mounted on 2"x2" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
33
V
fO
Operating Frequency
0.1
1
MHz
ICH
LED Channel Current
20
400
mA
fPWM1
DIM pin PWM Dimming Frequency
0.1
25
kHz
fPWM2
DIM_ISET Pin PWM Dimming Frequency
10
100
kHz
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com