Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8823 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8823
Description  MR16 SINGLE BOOST LED CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8823 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8823 Datasheet HTML 1Page - Diodes Incorporated AL8823 Datasheet HTML 2Page - Diodes Incorporated AL8823 Datasheet HTML 3Page - Diodes Incorporated AL8823 Datasheet HTML 4Page - Diodes Incorporated AL8823 Datasheet HTML 5Page - Diodes Incorporated AL8823 Datasheet HTML 6Page - Diodes Incorporated AL8823 Datasheet HTML 7Page - Diodes Incorporated AL8823 Datasheet HTML 8Page - Diodes Incorporated AL8823 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AL8823
Document number: DS39232 Rev. 1 - 2
4 of 14
www.diodes.com
May 2017
© Diodes Incorporated
AL8823
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4)
Symbol
Parameter
Rating
Unit
VIN
VIN Pin Voltage
-0.3 to 40
V
VOUT
OUT Pin Voltage
-0.3 to 6
V
VCOMP
COMP Pin Voltage
-0.3 to 6
V
VCS
CS Pin Voltage
-0.3 to 6
V
VFB
FB Pin Voltage
-0.3 to 6
V
VCC
VCC Pin Voltage
-0.3 to 6
V
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
JA
Thermal Resistance (Junction to Ambient) (Note 5)
104
°C/W
JC
Thermal Resistance (Junction to Case) (Note 5)
6.6
°C/W
TLEAD
Lead Temperature (Soldering, 10sec)
+300
°C
–
ESD (Machine Model)
200
V
–
ESD (Human Body Model)
2000
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other
conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure
to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. Device mounted on 1"x1" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
VIN Pin Voltage
5
36
V
TA
Ambient Temperature (Note 6)
-40
+105
°C
Note 6:
The device may operate normally at +125
°C ambient temperature under the condition not trigger temperature protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com