Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8843 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8843
Description  40V 3A STEP-DOWN LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8843 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8843 Datasheet HTML 1Page - Diodes Incorporated AL8843 Datasheet HTML 2Page - Diodes Incorporated AL8843 Datasheet HTML 3Page - Diodes Incorporated AL8843 Datasheet HTML 4Page - Diodes Incorporated AL8843 Datasheet HTML 5Page - Diodes Incorporated AL8843 Datasheet HTML 6Page - Diodes Incorporated AL8843 Datasheet HTML 7Page - Diodes Incorporated AL8843 Datasheet HTML 8Page - Diodes Incorporated AL8843 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AL8843
Document number: DS40367 Rev. 1 - 2
4 of 18
www.diodes.com
December 2017
© Diodes Incorporated
AL8843
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
40
V
FSW
Switching Frequency
-
1
MHz
IOUT
Continuous Output Current
-
3
A
VCTRL
Voltage Range for 10% to 100% DC Dimming Relative to GND
0.4
2.5
V
VCTRL_HIGH
Voltage High for PWM Dimming Relative to GND
2.6
5.5
V
VCTRL_LOW
Voltage Low for PWM Dimming Relative to GND
0
0.3
V
TA
Operating Ambient Temperature
-40
+105
°C
TJ
Operating Junction Temperature
-40
+125
°C
Thermal Information (Note 5)
Symbol
Parameter
Rating
Unit
θJA
Junction-To-Ambient Thermal Resistance
56
°C/W
θJC
Junction-To-Case (Top) Thermal Resistance
11
°C/W
Note:
5. Device mounted on 2″×2″ FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com