Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8860 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8860
Description  40V 1.5A BUCK LED DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8860 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8860 Datasheet HTML 1Page - Diodes Incorporated AL8860 Datasheet HTML 2Page - Diodes Incorporated AL8860 Datasheet HTML 3Page - Diodes Incorporated AL8860 Datasheet HTML 4Page - Diodes Incorporated AL8860 Datasheet HTML 5Page - Diodes Incorporated AL8860 Datasheet HTML 6Page - Diodes Incorporated AL8860 Datasheet HTML 7Page - Diodes Incorporated AL8860 Datasheet HTML 8Page - Diodes Incorporated AL8860 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AL8860
Document number: DS39014 Rev. 4 - 2
4 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AL8860
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage
-
4.5
-
40
V
IQ
Quiescent Current
CTRL Pin Floating, VIN =16V
-
0.55
-
mA
ISHDN
Shutdown Supply Current
CTRL Pin Grounded
-
50
80
µA
VSENSE
Mean
Current
Sense
Threshold
Voltage
Measured on SET Pin with
Respect to VIN
96
100
104
mV
VSENSE_HYS
Sense Threshold Hysteresis
-
-
±20
-
%
ISET
SET Pin Input Current
VSET = VIN -0.1
-
8
-
µA
VEN
CTRL Range on CTRL Pin
For Analog Dimming
0.3
-
2.5
V
VEN(ON)
DC Voltage on CTRL Pin to Enable
VEN Rising
-
0.25
-
V
VEN(OFF)
DC Voltage on CTRL Pin to Disable
VEN Falling
-
0.2
-
V
RSW
SW Switch On Resistance
@ISW = 100mA
-
0.2
-
Ω
ISW(LEAK)
SW Switch Leakage Current
-
-
-
5
μA
tSS
Soft Start Time
VIN = 16V, CEN = 1nF
-
1.5
-
ms
fSW
Operating Frequency
VIN = 16V, VO = 9.6V (3 LEDs)
L = 47μF, ΔI = 0.25A (ILED = 1A)
-
250
-
kHz
tON_REC
Recommended Minimum Switch ON
Time
For 4% Accuracy
-
500
-
ns
fSW(MAX)
Recommended
Maximum
Switch
Frequency
-
-
-
1.0
MHz
DSW(MAX)
Max Duty Cycle
-
-
98
-
%
DSW
Recommended Duty Cycle Range
-
25
-
75
%
tPD
Internal
Comparator
Propagation
Delay (Note 7)
-
-
45
-
ns
TOTP
Over Temperature Protection
-
-
+150
-
°C
TOTP_HYS
Temperature Protection Hysteresis
-
-
+30
-
°C
Note:
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com