Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC420 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXSC420
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC420 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXSC420 Datasheet HTML 6Page - Diodes Incorporated ZXSC420 Datasheet HTML 7Page - Diodes Incorporated ZXSC420 Datasheet HTML 8Page - Diodes Incorporated ZXSC420 Datasheet HTML 9Page - Diodes Incorporated ZXSC420 Datasheet HTML 10Page - Diodes Incorporated ZXSC420 Datasheet HTML 11Page - Diodes Incorporated ZXSC420 Datasheet HTML 12Page - Diodes Incorporated ZXSC420 Datasheet HTML 13Page - Diodes Incorporated ZXSC420 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
10 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Information (cont.)
Dimming Control using a Logic Signal
For applications where the LED current needs to be adjusted in
discrete steps a logic signal can be applied as shown in the diagram
below.
When Q1 is ‘off’, R1 sets the minimum LED current. When Q1 is ‘on’,
R2 sets the LED current that will be added to the minimum LED
current. The formula for selecting values for R1 and R2 are given
below:
MOSFET ‘off’
1
FB
)
MIN
(
LED
R
V
I
I
R2
R1
VFB
LOGIC
SIGNAL
Q1
2N7002
MOSFET ‘on’
)
MIN
(
LED
2
FB
)
MAX
(
LED
I
R
V
I
Layout Issues
Layout is critical for the circuit to function in the most efficient manner in terms of electrical efficiency, thermal considerations and noise.
For ‘step-up converters’ there are four main current loops, the input loop, power-switch loop, rectifier loop and output loop. The supply charging
the input capacitor forms the input loop. The power-
switch loop is defined when Q1 is ‘on’, current flows from the input through the inductor, Q1,
RSENSE
and to ground. When Q1 is ‘off’, the energy stored in the inductor is transferred to the output capacitor and load via D1, forming the
rectifier loop. The output loop is formed by the output capacitor supplying the load when Q1 is switched back off.
To optimize for best performance, each of these loops is kept separate from one another and interconnected with short, thick traces, thus
minimizing parasitic inductance, capacitance and resistance. Also the RSENSE resistor should be connected with minimum trace length, between
emitter lead of Q1 and ground, (again minimizing stray parasitics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com