Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC440 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXSC440
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC440 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXSC440 Datasheet HTML 9Page - Diodes Incorporated ZXSC440 Datasheet HTML 10Page - Diodes Incorporated ZXSC440 Datasheet HTML 11Page - Diodes Incorporated ZXSC440 Datasheet HTML 12Page - Diodes Incorporated ZXSC440 Datasheet HTML 13Page - Diodes Incorporated ZXSC440 Datasheet HTML 14Page - Diodes Incorporated ZXSC440 Datasheet HTML 15Page - Diodes Incorporated ZXSC440 Datasheet HTML 16Page - Diodes Incorporated ZXSC440 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
14 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Examples (cont.)
High-Current LED Photoflash
The input voltage is 3V with a maximum pulsed output current of 1A for 2ms.
Operation
In charging mode, with SW1 closed and SW2 open, the ZXSC410/420/440 is configured as a typical boost converter, charging capacitor C2 up
the regulated output voltage set by the ratio of R1 and R2. This is typically 16V. The peak current of the converter (current drawn from the
battery) is controlled by R3 plus R4, and is typically 280mA for this application. When C2 is charged to 16V the SW1 is opened and SW2 is
closed, converting the ZXSC400 to a step-down converter to provide a 1A constant current for 2ms to the photoflash LED. During step-down
operation, current flows from C2 through the photoflash LED, L1, U2 and is returned to C2 through R3. This means that the peak current is set at
a higher value than in charging mode, typically 1A. When the current reaches its peak value, U2 is switched off and current flows from L1
through the Schottky diode in U2, to the photoflash LED. This cyclic process is repeated until C2 is discharged.
ZXSC410
Q1
ZXTN
25012
EFH
C1
1µF
C3
1µF
C2
150µF
R3
22m
Ω
R4
100m
Ω
R1
10k
Ω
L1
12µH
U1
SW1
SW2
VBATT
D1 BAT54
VCC
STDN
GND
VDRIVE
ISENSE
VFB
Charging mode:
SW1 closed,
SW2 open
Discharging mode:
SW1 open,
SW2 closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com