Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC9012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC9012
Description  PNP Epitaxial Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2SC9012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC9012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC9012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SC9012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PJ2N9012
PNP Epitaxial Silicon Transistor
1-3
2002/01.rev.A
1W OUTPUT AMPLIFIER OF POTABLE
RADIOS IN CLASS B PUSH-PULL OPERATION
• High total power dissipation(PT=625mW)
•
High collector Current (Ic=-500mA)
• Complementary to 2N9013
•
Excellent hEF Linearity
Rating
Symbol
Value
Uint
Collector Base Voltage
VCBO
-40
V
Collector Emitter Voltage
VCEO
-20
V
Emitter Base Voltage
VEBO
-5
V
Collector Current
Ic
-500
A
Collector Dissipation
Pc
625
W
Junction Temperature
Tj
150
0C
Storage Temperature
Tstg
-55 ~150
0C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
Collector- Base Saturation Voltage
Base-Emitter Saturation Voltage
Base-Emitter On Voltage
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE1
hFE2
VCE(sat)
VBE(sat)
VBE(ON)
IC= -100μA , IE=0
IC= -1mA , IB=0
IE=-100μA , IC=0
VCB= -25V , IE = 0
VEB= -3V , IC=0
VEB= -1V, IC =-50mA
VEB= -1V, IC =-500mA
IC= -500 mA , IB=-50mA
IC= -500mA , IB=-50mA
VCE =-1V, Ic =-10mA
-40
-20
-5
64
40
0.58
120
90
0.14
0.84
0.63
-100
-100
202
0.3
1.0
0.7
V
V
V
nA
nA
V
V
V
Device
Operating Temperature
Package
PJ2N9012CT
TO-92
PJ2N9012CX
-20℃~+85℃
SOT-23
Classification
D
E
F
G
H
hEF
64-91
78-112
96-135
112-166
144-202
ABSOLUTE MAXIMUM RATINGS (Ta= 25℃
℃
℃
℃
)
ELECTRICAL CHARACTERISTICS
(Ta= 25 0C)
hEF CLASSIFICATION
TO-92
SOT-23
ORDERING INFORMATION
Pin : 1.Emitter
2.Base
3.Collector
Pin : 1. Base
2. Emitter
3. Collector


Similar Part No. - 2SC9012

ManufacturerPart #DatasheetDescription
logo
Usha India Ltd.
2SC9011 USHA-2SC9011 Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
2SC9011D USHA-2SC9011D Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
2SC9011E USHA-2SC9011E Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
2SC9011F USHA-2SC9011F Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
2SC9011G USHA-2SC9011G Datasheet
76Kb / 2P
AM CONVERTER, AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SC9012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com