Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD42C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MJD42C
Description  PNP Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MJD42C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MJD42C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MJD42C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MJD42C
-6A, -100V
P P Plastic-Encapsulate Transistors
17-May-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Designed for General Purpose Amplifier and Low
Speed Switching Applications
Lead Formed for Surface Mount Applications in
Plastic Sleeves (No Suffix)
Straight Lead Version in Plastic Sleeves (“–1” Suffix)
Lead Formed Version in 16mm Tape and Reel (“T4” Suffix)
Electrically Similar to Popular TIP41 and TIP42 Series
Monolithic Construction With Built–in Base–Emitter Resistors
PACKAGE INFORMATION
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current-Continuous
IC
-6
A
Collector Power Dissipation
PC
1.25
W
Junction and Storage Temperature
TJ, TSTG
150, -65~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-100
-
V
IC= -100 A, IE=0
Collector-Emitter Breakdown Voltage
VCEO(sus)
-100
-
V
IC= -30mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
V
IE= -100 A, IC=0
Collector Cut-off Current
ICEO
-
-50
uA
VCB= -60V, IE=0
Emitter Cut-off Current
IEBO
-
-0.5
mA
VEB= -5V, IC=0
hFE(1)
30
-
VCE= -4V, IC= -0.3A
DC Current Gain
hFE(2)
15
75
VCE= -4V, IC= -3A
Collector-Emitter Saturation Voltage
VCE(Sat)
-
-1.5
V
IC= -6A, IB= -0.6A
Base-Emitter Voltage
VBE
-
-2
V
VCE= -4V, IC= -6A
Transition Frequency
fT
3
-
MHz
VCE= -10V, IC= -500mA, f=1MHz
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
Part Number
Type
MJD42C
Lead (Pb)-free
MJD42C-C
Lead (Pb)-free and Halogen-free
TO-252 (D-Pack)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.3
6.9
J
2.3 REF.
B
4.95
5.53
K
0.89 REF.
C
2.1
2.5
M
0.45
1.14
D
0.4
0.9
N
1.55 Typ.
E
6
7.7
O
0
0.15
F
2.90 REF
P
0.58 REF.
G
5.4
6.4
H
0.6
1.2


Similar Part No. - MJD42C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD42C ONSEMI-MJD42C Datasheet
195Kb / 6P
Complementary Power Transistors
August, 2004 ??Rev. 5
logo
Fairchild Semiconductor
MJD42C FAIRCHILD-MJD42C Datasheet
47Kb / 5P
General Purpose Amplifier
MJD42C FAIRCHILD-MJD42C Datasheet
48Kb / 5P
General Purpose Amplifier Low Speed Switching Applications
logo
Motorola, Inc
MJD42C MOTOROLA-MJD42C Datasheet
198Kb / 6P
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS
logo
ON Semiconductor
MJD42C ONSEMI-MJD42C Datasheet
78Kb / 6P
Complementary Power Transistors
January, 2006 ??Rev. 6
More results

Similar Description - MJD42C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com